Zakładka z wyszukiwarką danych komponentów |
|
ISL3159EIUZ Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL3159EIUZ Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 16 page 2 FN6364.0 July 26, 2007 Ordering Information PART NUMBER (Notes 1, 2) PART MARKING TEMP. RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL3159EIBZ 3159 EIBZ -40 to +85 8 Ld SOIC M8.15 ISL3159EIUZ 3159Z -40 to +85 8 Ld MSOP M8.118 ISL3159EIRZ 159Z -40 to +85 10 Ld DFN L10.3x3C ISL3159EFBZ 3159 EFBZ -40 to +125 8 Ld SOIC M8.15 ISL3159EFUZ 159FZ -40 to +125 8 Ld MSOP M8.118 ISL3159EFRZ 59FZ -40 to +125 10 Ld DFN L10.3x3C NOTES: 1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. Pinouts ISL3159E (8 LD SOIC, MSOP) TOP VIEW ISL3159E (10 LD DFN) TOP VIEW RO RE DE DI 1 2 3 4 8 7 6 5 VCC B/Z A/Y GND D R 2 3 4 1 5 9 8 7 10 6 RO RE DE DI NC VCC NC B/Z A/Y GND Truth Table TRANSMITTING INPUTS OUTPUTS RE DE DI B/Z A/Y X 1101 X 1010 0 0 X High-Z High-Z 1 0 X High-Z * High-Z * NOTE: *Shutdown Mode Truth Table RECEIVING INPUTS OUTPUT RE DE A-B RO 00 ≥-0.05V 1 00 ≤-0.2V 0 0 0 Inputs Open/Shorted 1 1 1 X High-Z 10 X High-Z * NOTE: *Shutdown Mode ISL3159E |
Podobny numer części - ISL3159EIUZ |
|
Podobny opis - ISL3159EIUZ |