Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL3159EFBZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL3159EFBZ
Szczegółowy opis  짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3159EFBZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL3159EFBZ Datasheet HTML 1Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 2Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 3Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 4Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 5Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 6Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 7Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 8Page - Intersil Corporation ISL3159EFBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6364.0
July 26, 2007
Receiver Output Low Voltage
VOL
IO = +10mA, VID = -200mV
Full
-
-
0.4
V
Receiver Output Low Current
IOL
VOL = 1V, VID = -200mV
Full
25
40
-
mA
Three-State (high impedance)
Receiver Output Current
IOZR
0.4V
≤ VO ≤ 2.4V
Full
-1
0.015
1
μA
Receiver Input Resistance
RIN
-7V
≤ VCM ≤ 12V
Full
54
80
-
k
Ω
Receiver Short-Circuit Current
IOSR
0V
≤ VO ≤ VCC
Full
±20
-
±110
mA
SUPPLY CURRENT
No-Load Supply Current (Note 6)
ICC
DI = DE = 0V or VCC
Full
-
2.6
4
mA
Shutdown Supply Current
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
0.05
1
μA
ESD PERFORMANCE
RS-485 Pins (A/Y, B/Z)
IEC61000-4-2, Air-Gap Discharge Method
25
-
±15
-
kV
IEC61000-4-2, Contact Discharge Method
25
-
±8-
kV
Human Body Model, From Bus Pins to GND
25
-
±16.5
-
kV
All Pins
HBM, per MIL-STD-883 Method 3015
25
-
> ±9-
kV
Machine Model
25
-
> ±400
-
V
DRIVER SWITCHING CHARACTERISTICS
Maximum Data Rate
fMAX
VOD ≥ ±1.5V, RD = 54Ω, CL = 100pF (Figure 4)
Full
40
-
-
Mbps
Driver Differential Output Delay
tDD
RD = 54Ω, CD = 50pF (Figure 2)
Full
-
8
12
ns
Driver Differential Output Skew
tSKEW
RD = 54Ω, CD = 50pF (Figure 2)
Full
-
0.5
1.5
ns
Prop Delay Part-to-Part Skew
tSKP-P
RD = 54Ω, CD = 50pF (Figure 2), (Note 13)
Full
-
-
4
ns
Driver Differential Rise or Fall
Time
tR, tF
RD = 54Ω, CD = 50pF (Figure 2)
Full
2
5
8
ns
Driver Enable to Output High
tZH
RL = 110Ω, CL = 50pF, SW = GND (Figure 3),
(Note 8)
Full
-
13
20
ns
Driver Enable to Output Low
tZL
RL = 110Ω, CL = 50pF, SW = VCC (Figure 3),
(Note 8)
Full
-
11
20
ns
Driver Enable Time Skew
tENSKEW |tZH (Y or Z) - tZL (Z or Y)|
Full
-
2.5
-
ns
Driver Disable from Output High
tHZ
RL = 110Ω, CL = 50pF, SW = GND (Figure 3),
Full
-
14
20
ns
Driver Disable from Output Low
tLZ
RL = 110Ω, CL = 50pF, SW = VCC (Figure 3),
Full
-
12
20
ns
Driver Disable Time Skew
tDISSKEW |tHZ (Y or Z) - tLZ (Z or Y)|
Full
-
3
-
ns
Time to Shutdown
tSHDN
(Note 10)
Full
60
-
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 110Ω, CL = 50pF, SW = GND (Figure 3),
(Notes 10, 11)
Full
-
-
1000
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 110Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 10, 11)
Full
-
-
1000
ns
RECEIVER SWITCHING CHARACTERISTICS
Maximum Data Rate
fMAX
VID = ±1.5V
Full
40
-
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL (Figure 5)
Full
-
9
13
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 5)
Full
-
0
1.5
ns
Prop Delay Part-to-Part Skew
tSKP-P
(Figure 5), (Note 13)
Full
-
-
4
ns
Receiver Enable to Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 6),
(Note 9)
Full
-
-
12
ns
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C,
(Note 5) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 15)
TYP
MAX
(NOTE 15) UNITS
ISL3159E


Podobny numer części - ISL3159EFBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3159EFBZ INTERSIL-ISL3159EFBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
logo
Renesas Technology Corp
ISL3159EFBZ RENESAS-ISL3159EFBZ Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results

Podobny opis - ISL3159EFBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Intersil Corporation
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com