Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5-1393272-2 Arkusz danych(PDF) 4 Page - Tyco Electronics

Numer części 5-1393272-2
Szczegółowy opis  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393272-2 Arkusz danych(HTML) 4 Page - Tyco Electronics

  5-1393272-2 Datasheet HTML 1Page - Tyco Electronics 5-1393272-2 Datasheet HTML 2Page - Tyco Electronics 5-1393272-2 Datasheet HTML 3Page - Tyco Electronics 5-1393272-2 Datasheet HTML 4Page - Tyco Electronics 5-1393272-2 Datasheet HTML 5Page - Tyco Electronics 5-1393272-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PCB relays
Single relays
Mini power relay K (open and sealed)
Please observe the disclaimer.
103
Catalog 1308028
Issued 01-05
Contact data
Typical areas of application
Contact configuration
Circuit symbol
(see also Pin assignment)
Rated voltage
Rated current at 85 °C
Contact material
Max. switching voltage/power
Max. switching current1)
On2)
Off
Min. recommended load5)
Voltage drop at 10 A (initial)
for NC/NO contacts
Mechanical endurance (without load)
Electrical endurance
(example of resistive load)
1)
The values apply to a resistive load or inductive load with suitable spark suppression.
2)
For a load current duration of maximum 3 s for a make/break ratio of 1:10.
3)
Corresponds to the peak inrush current on initial actuation (cold filament).
4)
At 50 % ON period
5)
See chapter Diagnostics in our Application Recommendations on page 18.
Resistive / inductive loads
Indicator lamps
Make
Changeover
Double
Make
Double
contact/
contact/
make contact/
contact/
make contact/
Form A
Form C
Form U
Form A
Form U
12 V
10 A
5 A/10 A
2 x 6 A
5 A
2 x 5 A
AgNi0.15
AgSnO2
See load limit curve
NC/NO
60 A
12 A/60 A
2 x 40 A
60 A3)
120 A3)
20 A
10 A/20 A
2 x 20 A
6 A
12 A
1 A at 5 V
Typ. 50 mV, 300 mV max.
Typ. 2 x 50 mV, 300 mV max.
Typ. 150 mV, 300 mV max.
> 107 operations
> 2 x 105 operations
> 1,5 x 106
> 1.5 x 106
10 A, 13.5 V
operations
operations
up to 3 x 21 W
up to 6 x 21 W
3
5
4
Load limit curve
Pin assignment (open and sealed)
1 make contact/
1 double make contact/
1 changeover contact/
1 form A
1 form U
1 form C
Load limi
curve 1
Load limi
curve 2
Load limi
curve 3
Tyco
Load limit curve 1 ^
= safe shutdown,
connected as form X, load on pin 5
and 7
Load limit curve 2 ^
= safe shutdown,
no stationary arc / make contact
Load limit curve 3 ^
= arc extinguishes
during transit time (changeover contact)
Load limit
curve 1
Load limit
curve 2
Load limit
curve 3
Tyco0626-Y


Podobny numer części - 5-1393272-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
5-1393277-1 MACOM-5-1393277-1 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
5-1393277-1 MACOM-5-1393277-1 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
5-1393277-5 MACOM-5-1393277-5 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
5-1393277-5 MACOM-5-1393277-5 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
More results

Podobny opis - 5-1393272-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
V23201 MACOM-V23201 Datasheet
420Kb / 5P
   Power Relay PK2 (THT ??THR) Single Relays PCB Relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
1393278-7 MACOM-1393278-7 Datasheet
653Kb / 4P
   Power Relay K (Open ??Sealed)
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
   PCB Power Relays
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
   PCB Power Relays
0722/0221
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com