Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC847AT Arkusz danych(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Numer części BC847AT
Szczegółowy opis  NPN general purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC847AT Arkusz danych(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  BC847AT Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC847AT Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC847AT Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BL Galaxy Electrical
Production specification
NPN
general purpose Transistor
BC847AT/BT/CT
Document number: BL/SSSTH001
www.galaxycn.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOT-523
H
J
G
K
D
C
B
A
SOT-523
Dim
Min
Max
A
1.5
1.7
B
0.75
0.85
C
0.6
0.8
D
0.15
0.3
G
0.9
1.1
H
0.02
0.1
J
0.1Typical
K
1.45
1.75
All Dimensions in mm
PACKAGE INFORMATION
Device
Package
Shipping
BC847AT/BT/CT
SOT-523
3000/Tape&Reel


Podobny numer części - BC847AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC847AT PHILIPS-BC847AT Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 26
BC847AT NXP-BC847AT Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Diodes Incorporated
BC847AT DIODES-BC847AT Datasheet
59Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30274 Rev. A-2
logo
NXP Semiconductors
BC847AT NXP-BC847AT Datasheet
104Kb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 07-10 December 2008
logo
Infineon Technologies A...
BC847AT INFINEON-BC847AT Datasheet
229Kb / 9P
   NPN Silicon AF Transistors
Aug-01-2002
More results

Podobny opis - BC847AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com