Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTD1304 Arkusz danych(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Numer części KTD1304
Szczegółowy opis  NPN Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KTD1304 Arkusz danych(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  KTD1304 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KTD1304 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KTD1304 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited KTD1304 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN Silicon Epitaxial Planar Transistor
KTD1304
Document number: BL/SSSTC113
www.galaxycn.com
Rev.A
1
FEATURES
High emitter-base voltage.
High reverse hFE.
Low on resistance.
APPLICATIONS
Audio muting application.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
KTD1304
MAX
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
25
V
VCEO
Collector-Emitter Voltage
20
V
VEBO
Emitter-Base Voltage
12
V
IC
Collector Current -Continuous
300
mA
IB
Base Current
30
mA
PC
Collector Power Dissipation
200
mW
Tj,Tstg
Junction and Storage Temperature
-55~150
Pb
Lead-free


Podobny numer części - KTD1304

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTD1304 KEC-KTD1304 Datasheet
208Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO MUTING)
logo
Weitron Technology
KTD1304 WEITRON-KTD1304 Datasheet
398Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
KTD1304 SECOS-KTD1304 Datasheet
250Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
KTD1304 HTSEMI-KTD1304 Datasheet
913Kb / 2P
   TRANSISTOR (NPN)
logo
MAKO SEMICONDUCTOR CO.,...
KTD1304 MAKOSEMI-KTD1304 Datasheet
94Kb / 2P
   High emitter-base voltage
More results

Podobny opis - KTD1304

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com