Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59451 Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL59451
Szczegółowy opis  Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59451 Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL59451 Datasheet HTML 7Page - Intersil Corporation ISL59451 Datasheet HTML 8Page - Intersil Corporation ISL59451 Datasheet HTML 9Page - Intersil Corporation ISL59451 Datasheet HTML 10Page - Intersil Corporation ISL59451 Datasheet HTML 11Page - Intersil Corporation ISL59451 Datasheet HTML 12Page - Intersil Corporation ISL59451 Datasheet HTML 13Page - Intersil Corporation ISL59451 Datasheet HTML 14Page - Intersil Corporation ISL59451 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN6253.0
September 24, 2007
FIGURE 31. SMALL SIGNAL GAIN vs FREQUENCY vs CL
INTO 75
Ω LOAD, GAIN = 2
FIGURE 32. LARGE SIGNAL GAIN vs FREQUENCY vs CL
INTO 75
Ω LOAD, GAIN = 2
FIGURE 33. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 34. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves VCC = +5V, RL = 150Ω to GND, TA = +25°C, unless otherwise specified. (Continued)
-20
-15
-10
-5
0
5
0.1k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
CL = 7.4pF
VIN = 100mVP-P
CL = 0.6pF
-20
-15
-10
-5
0
5
0.1k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
CL = 7.4pF
VIN = 700mVP-P
CL = 0.6pF
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - QFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
2.857W
θJA = 35°C/W
QFN32
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
θJA = 125°C/W
QFN32
758mW
ISL59451


Podobny numer części - ISL59451

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL59451 RENESAS-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
ISL59451IRZ RENESAS-ISL59451IRZ Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
ISL59451IRZ-T7 RENESAS-ISL59451IRZ-T7 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
More results

Podobny opis - ISL59451

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL59451 RENESAS-ISL59451 Datasheet
1Mb / 17P
   Triple 4:1 DC Restored Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Elantec Semiconductor
EL4089C ELANTEC-EL4089C Datasheet
211Kb / 8P
   DC Restored Video Amplifier
logo
Intersil Corporation
ISL4089 INTERSIL-ISL4089_06 Datasheet
344Kb / 9P
   DC-Restored Video Amplifier
EL4089 INTERSIL-EL4089 Datasheet
129Kb / 9P
   DC Restored Video Amplifier
logo
Renesas Technology Corp
ISL4089 RENESAS-ISL4089 Datasheet
608Kb / 10P
   DC-Restored Video Amplifier
EL4089 RENESAS-EL4089 Datasheet
579Kb / 9P
   DC Restored Video Amplifier
July 1998
logo
Intersil Corporation
EL2090 INTERSIL-EL2090 Datasheet
149Kb / 11P
   100MHz DC-Restored Video Amplifier
EL4093 INTERSIL-EL4093 Datasheet
379Kb / 12P
   300MHz DC-Restored Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com