Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59481EVAL1Z Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL59481EVAL1Z
Szczegółowy opis  Dual, 500MHz Triple, Multiplexing Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59481EVAL1Z Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL59481EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL59481EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL59481EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL59481EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL59481EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL59481EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL59481EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL59481EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL59481EVAL1Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN6208.4
May 18, 2007
Pin Description
ISL59481
(48 LD QFN)
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
OUTC1
Circuit 3
Output of amplifier C1
2
OUTB1
Circuit 3
Output of amplifier B1
3, 23
V1-, V2-
Circuit 4A
Negative power supply #1 and #2
4
OUTA1
Circuit 3
Output of amplifier A1
5, 25
V1+, V2+
Circuit 4A
Positive Power Supply #1 and #2
6EN1
Circuit 2
Device enable (active low) with internal pull-down resistor. A logic High puts device into power-down
mode leaving the logic circuitry active. This state is not recommended for logic control where more
than one MUX-amp share the same video output line.
26
EN2
7
HIZ1
Circuit 2
Output disable (active high) with internal pull-down resistor. A logic high puts the output in a high
impedance state. Use this state when more than one MUX-amp share the same video output line.
27
HIZ2
8
IN0C1
Circuit 1
Channel 0 input for amplifier C1
9
IN0B1
Circuit 1
Channel 0 input for amplifier B1
10
IN0A1
Circuit 1
Channel 0 input for amplifier A1
11
GND
Circuit 4A
Ground pin for amplifier A1
12
IN1A1
Circuit 1
Channel 1 input for amplifier A1
13
IN2B2
Circuit 1
Channel 2 input for amplifier B2
14
IN2C2
Circuit 1
Channel 2 input for amplifier C2
15
GND
Circuit 4B
Ground pin for amplifier C2
16
IN3A2
Circuit 1
Channel 3 input for amplifier A2
17
IN3B2
Circuit 1
Channel 3 input for amplifier B2
18
IN3C2
Circuit 1
Channel 3 input for amplifier C2
19, 47
S1-2, S1-1
Circuit 2
Channel select pin MSB (binary logic code) for amplifiers A2, B2, C2 (S1-2) and A1, B1, C1 (S1-1)
20, 48
S0-2, S0-1
Circuit 2
Channel select pin LSB (binary logic code) for amplifiers A2, B2, C2 (S0-2) and A1, B1, C1 (S0-1)
21
OUTC2
Circuit 2
Output of amplifier C2
22
OUTB2
Circuit 1
Output of amplifier B2
24
OUTA2
Circuit 1
Output of amplifier A2
28
IN0C2
Circuit 1
Channel 0 input for amplifier A2
29
IN0B2
Circuit 1
Channel 0 input for amplifier B2
30
IN0A2
Circuit 1
Channel 0 input for amplifier C2
31
GND
Circuit 4B
Ground pin for amplifier C2
32
IN1A2
Circuit 1
Channel 1 input for amplifier A2
33
IN1B2
Circuit 1
Channel 1 input for amplifier B2
34
IN1C2
Circuit 1
Channel 1 input for amplifier C2
35
GND
Circuit 4B
Ground pin for amplifier B2
36
IN2A2
Circuit 1
Channel 2 input for amplifier A2
37
IN1B1
Circuit 1
Channel 1 input for amplifier B1
38
IN1C1
Circuit 1
Channel 1 input for amplifier C1
39
GND
Circuit 4A
Ground pin for amplifier B1
40
IN2A1
Circuit 1
Channel 2 input for amplifier A1
41
IN2B1
Circuit 1
Channel 2 input for amplifier B1
42
IN2C1
Circuit 1
Channel 2 input for amplifier C1
43
GND
Circuit 4A
Ground pin for amplifier C1
44
IN3A1
Circuit 1
Channel 3 input for amplifier A1
45
IN3B1
Circuit 1
Channel 3 input for amplifier B1
46
IN3C1
Circuit 1
Channel 3 input for amplifier C1


Podobny numer części - ISL59481EVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL59481EVAL1Z RENESAS-ISL59481EVAL1Z Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results

Podobny opis - ISL59481EVAL1Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59483 INTERSIL-ISL59483 Datasheet
906Kb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482IRZ INTERSIL-ISL59482IRZ Datasheet
797Kb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
August 8, 2014
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340_10 Datasheet
815Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com