Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59440IAZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL59440IAZ
Szczegółowy opis  400MHz Multiplexing Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59440IAZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL59440IAZ Datasheet HTML 1Page - Intersil Corporation ISL59440IAZ Datasheet HTML 2Page - Intersil Corporation ISL59440IAZ Datasheet HTML 3Page - Intersil Corporation ISL59440IAZ Datasheet HTML 4Page - Intersil Corporation ISL59440IAZ Datasheet HTML 5Page - Intersil Corporation ISL59440IAZ Datasheet HTML 6Page - Intersil Corporation ISL59440IAZ Datasheet HTML 7Page - Intersil Corporation ISL59440IAZ Datasheet HTML 8Page - Intersil Corporation ISL59440IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN6162.2
October 10, 2007
FIGURE 7. LARGE SIGNAL 0.1dB GAIN vs FREQUENCY vs CL
FIGURE 8. LARGE SIGNAL 0.1dB GAIN vs FREQUENCY vs RL
FIGURE 9. PSRR
CHANNELS
FIGURE 10. CROSSTALK
AND OFF ISOLATION
FIGURE 11. INPUT NOISE vs FREQUENCY
FIGURE 12. INPUT NOISE vs FREQUENCY
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 1.6pF
CL INCLUDES 1.6pF
BOARD CAPACITANCE
CL = 9.7pF
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
AV = 2
VOUT = 2VP-P
RG = RF = 511Ω
CL = 7.2pF
CL = 5.5pF
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1M
10M
100M
FREQUENCY (Hz)
RL = 1kΩ
1G
RL = 75Ω
AV = 2
VOUT = 2VP-P
CL = 5.5pF
RG = RF = 511Ω
RL = 150Ω
RL = 500Ω
FREQUENCY (Hz)
0
-10
-30
0.3M
1M
10M
100M
1G
-50
-70
PSRR (V-)
PSRR (V+)
10
-20
-40
-60
-80
20
AV = 2
VIN = 200mVP-P
CL = 5.5pF
RG = RF = 511Ω
FREQUENCY (Hz)
-20
-40
-60
0.001M
0.1M
10M
100M 500M
-80
-100
CROSSTALK
OFF ISOLATION
-30
-50
-70
-90
-110
-10
1M
0.01M
3M 6M
AV = 2
VIN = 1VP-P
CL = 5.5pF
RG = RF = 511Ω
0.1k
1k
10k
100k
FREQUENCY (Hz)
AV = 1, RF = 500Ω
24
20
16
12
8
4
0
60
50
40
30
20
10
0
0.1k
1k
10k
100k
FREQUENCY (Hz)
AV = 1, RF = 500Ω
ISL59440


Podobny numer części - ISL59440IAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59440IAZ INTERSIL-ISL59440IAZ Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59440IAZ RENESAS-ISL59440IAZ Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59440IAZ-T13 INTERSIL-ISL59440IAZ-T13 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59440IAZ-T7 INTERSIL-ISL59440IAZ-T7 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
More results

Podobny opis - ISL59440IAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
   400MHz Multiplexing Amplifier
July 3, 2012
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
   400MHz Multiplexing Amplifier
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
   400MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59420 RENESAS-ISL59420 Datasheet
775Kb / 13P
   400MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
   400MHz Multiplexing Amplifier
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
   865MHz Multiplexing Amplifier
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
   900MHz Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
   900MHz Multiplexing Amplifier
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
   865MHz Multiplexing Amplifier
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
   HIGH EFFICIENCY 400MHZ AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com