Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2586 Arkusz danych(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2586
Szczegółowy opis  SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Arkusz danych(HTML) 3 Page - National Semiconductor (TI)

  LM2586_05 Datasheet HTML 1Page - National Semiconductor (TI) LM2586_05 Datasheet HTML 2Page - National Semiconductor (TI) LM2586_05 Datasheet HTML 3Page - National Semiconductor (TI) LM2586_05 Datasheet HTML 4Page - National Semiconductor (TI) LM2586_05 Datasheet HTML 5Page - National Semiconductor (TI) LM2586_05 Datasheet HTML 6Page - National Semiconductor (TI) LM2586_05 Datasheet HTML 7Page - National Semiconductor (TI) LM2586_05 Datasheet HTML 8Page - National Semiconductor (TI) LM2586_05 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
−0.4V
≤ V
IN
≤ 45V
Switch Voltage
−0.4V
≤ V
SW
≤ 65V
Switch Current (Note 2)
Internally Limited
Compensation Pin Voltage
−0.4V
≤ V
COMP
2.4V
Feedback Pin Voltage
−0.4V
≤ V
FB
≤ 2V
OUT
ON /OFF Pin Voltage
−0.4V
≤ V
SH
≤ 6V
Sync Pin Voltage
−0.4V
≤ V
SYNC
≤ 2V
Power Dissipation (Note 3)
Internally Limited
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10
sec.)
260˚C
Maximum Junction Temperature
(Note 3)
150˚C
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)2 kV
Operating Ratings
Supply Voltage
4V
≤ V
IN
≤ 40V
Output Switch Voltage
0V
≤ V
SW
≤ 60V
Output Switch Current
I
SW
≤ 3.0A
Junction Temp. Range
−40˚C
≤ T
J
≤ +125˚C
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, V
IN =5V.
LM2586-3.3
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 1 (Note 4)
V
OUT
Output Voltage
V
IN = 4V to 12V
3.3
3.17/3.14
3.43/3.46
V
I
LOAD = 0.3 to 1.2A
∆V
OUT/
Line Regulation
V
IN = 4V to 12V
20
50/100
mV
∆V
IN
I
LOAD = 0.3A
∆V
OUT/
Load Regulation
V
IN = 12V
20
50/100
mV
∆I
LOAD
I
LOAD = 0.3A to 1.2A
η
Efficiency
V
IN = 5V, ILOAD = 0.3A
76
%
UNIQUE DEVICE PARAMETERS (Note 5)
V
REF
Output Reference
Measured at Feedback Pin
3.3
3.242/3.234
3.358/3.366
V
Voltage
V
COMP = 1.0V
∆V
REF
Reference Voltage
V
IN = 4V to 40V
2.0
mV
Line Regulation
G
M
Error Amp
I
COMP = −30 µA to +30 µA
1.193
0.678
2.259
mmho
Transconductance
V
COMP = 1.0V
A
VOL
Error Amp
V
COMP = 0.5V to 1.6V
260
151/75
V/V
Voltage Gain
R
COMP = 1.0 M
Ω (Note 6)
LM2586-5.0
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 1 (Note 4)
V
OUT
Output Voltage
V
IN = 4V to 12V
5.0
4.80/4.75
5.20/5.25
V
I
LOAD = 0.3A to 1.1A
∆V
OUT/
Line Regulation
V
IN = 4V to 12V
20
50/100
mV
∆V
IN
I
LOAD = 0.3A
∆V
OUT/
Load Regulation
V
IN = 12V
20
50/100
mV
∆I
LOAD
I
LOAD = 0.3A to 1.1A
η
Efficiency
V
IN = 12V, ILOAD = 0.6A
80
%
UNIQUE DEVICE PARAMETERS (Note 5)
V
REF
Output Reference
Voltage
Measured at Feedback Pin
V
COMP = 1.0V
5.0
4.913/4.900
5.088/5.100
V
www.national.com
3


Podobny numer części - LM2586_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2586S-12 NSC-LM2586S-12 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586S-12 TI-LM2586S-12 Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2586S-12/NOPB TI1-LM2586S-12/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586S-3.3 NSC-LM2586S-3.3 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586S-3.3 TI-LM2586S-3.3 Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results

Podobny opis - LM2586_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585_07 Datasheet
983Kb / 28P
   SIMPLE SWITCHER짰 3A Flyback Regulator
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2585 TI-LM2585_15 Datasheet
3Mb / 32P
[Old version datasheet]   LM2585 SIMPLE SWITCHER짰 3A Flyback Regulator
logo
National Semiconductor ...
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com