Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59111IZ-T7 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL59111IZ-T7
Szczegółowy opis  8MHz Rail-to-Rail Composite Video Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59111IZ-T7 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL59111IZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59111IZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59111IZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59111IZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59111IZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59111IZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59111IZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59111IZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59111IZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6172.4
ISL59111
8MHz Rail-to-Rail Composite Video Driver
The ISL59111 is a single rail-to-rail 3-pole output
reconstruction filter with a -3dB roll-off frequency of 8MHz
and a slew rate of 40V/µs, with input signal DC restoration
accomplished with an internal sync tip clamp. Operating
from single supplies ranging from +2.5V to +3.6V and
sinking an ultra-low 2mA quiescent current, the ISL59111 is
ideally suited for low power, battery-operated applications. It
also features inputs capable of reaching down to 0.15V
below the negative rail. Additionally, an enable high pin shuts
the part down in under 14ns.
The ISL59111 is designed to meet the needs for very low
power and bandwidth required in battery-operated
communication, instrumentation, and modern industrial
applications such as video on demand, cable set-top boxes,
DVD players, and HDTV. The ISL59111 is offered in a
space-saving CSP package guaranteed to a 0.7mm
maximum height constraint and specified for operation from
-40°C to +85°C temperature range.
Features
• 3rd order 8MHz reconstruction filter
• 40V/µs slew rate
• Low supply current = 2mA
• Power-down current less than 3µA
• Supplies from 2.5V to 3.6V
• Rail-to-rail output
• Input to 0.15V below VS-
• Input sync tip clamp
• SAG correction reduces AC coupling capacitor size
• Pb-free plus anneal available (RoHS compliant)
Applications
• Video amplifiers
• Portable and handheld products
• Communications devices
• Video on demand
• Cable set-top boxes
• Satellite set-top boxes
• DVD players
• HDTV
• Personal video recorders
Ordering Information
PART
NUMBER
(See Note)
PART
MARKING
TAPE &
REEL
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL59111IZ-T7 111Z
7” (3k pcs) 6 Ld CSP (2x3) MDP0054
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Pinout
ISL59111
(6 Ld CSP)*
TOP VIEW
BOTTOM VIEW
*0.7mm MAXIMUM HEIGHT GUARANTEED
OUT
GND
SAG
VDD
IN
EN
1
3
2
B
A
OUT
GND
SAG
VDD
IN
EN
1
3
2
B
A
Data Sheet
April 19, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005-2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - ISL59111IZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59111IZ-T7 INTERSIL-ISL59111IZ-T7 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59111IZ-T7 INTERSIL-ISL59111IZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111IZ-T7 RENESAS-ISL59111IZ-T7 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results

Podobny opis - ISL59111IZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9110 SGMICRO-SGM9110 Datasheet
542Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9111 SGMICRO-SGM9111 Datasheet
541Kb / 9P
   8MHz Rail-to-Rail Composite Video Driver with 6dB Gain
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
   13MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com