Zakładka z wyszukiwarką danych komponentów |
|
ISL28290FRUZ-T7 Arkusz danych(PDF) 4 Page - Intersil Corporation |
|
ISL28290FRUZ-T7 Arkusz danych(HTML) 4 Page - Intersil Corporation |
4 / 16 page 4 FN6247.7 March 17, 2008 VENL EN Low Level Referred to V- 0.8 V IENH EN Pin Input High Current VEN = V+ 0.8 1.2 1.4 µA IENL EN Pin Input Low Current VEN = V- 20 80 100 nA AC SPECIFICATIONS GBW -3dB Unity Gain Bandwidth RF = 0Ω CL = 20pF, AV = 1, RL = 10kΩ 170 MHz THD+N Total Harmonic Distortion + Noise f = 1kHz, VOUT + 2VP-P, AV = +1, RL = 10kΩ 0.00017 % HD (1MHz) 2nd Harmonic Distortion VOUT = 2VP-P, AV = 1 -87 dBc 3rd Harmonic Distortion -90 dBc ISO Off-state Isolation fO = 100kHz AV = +1; VIN = 100mVP-P; RF = 0Ω, CL = 20pF, AV = 1, RL = 10kΩ -38 dB X-TALK ISL28290 Channel-to-Channel Crosstalk fO = 100kHz VS = ±2.5V; AV = +1; VIN = 1VP-P, RF = 0Ω, CL = 20pF, AV = 1, RL = 10kΩ -105 dB PSRR Power Supply Rejection Ratio fO = 100kHz VS = ±2.5V; AV = +1; VSOURCE = 1VP-P, RF = 0Ω, CL = 20pF, AV = 1, RL = 10kΩ -70 dB CMRR Common Mode Rejection Ratio fO = 100kHz VS = ±2.5V; AV = +1; VCM = 1VP-P, RF = 0Ω, CL = 20pF, AV = 1, RL = 10kΩ -65 dB en Input Referred Voltage Noise fO = 1kHz 1 nV/ √Hz in Input Referred Current Noise fO = 10kHz 2.1 pA/ √Hz TRANSIENT RESPONSE SR Slew Rate 30 25 50 V/µs tpd Propagation Delay 10% VIN - 10% VOUT AV = 1, VOUT = 100mVP-P, RF = 0Ω, CL = 1.2pF 1.0 ns tr, tf, Small Signal Rise Time, tr 10% to 90% AV = +1, VOUT = 0.1VP-P, RF = 0Ω, CL = 1.2pF 3.3 ns Fall Time, tf 10% to 90% 6.3 ns tr, tf Large Signal Rise Time, tr 10% to 90% AV = +2, VOUT = 1VP-P, RF = RG = 499Ω, RL = 10kΩ, CL = 1.2pF 44 ns Fall Time, tf 10% to 90% 51 ns Rise Time, tr 10% to 90% AV = +2, VOUT = 4.7VP-P, RF = RG = 499Ω, RL = 10kΩ, CL = 1.2pF 190 ns Fall Time, tf 10% to 90% 187 ns ts Settling Time to 0.1% 90% VOUT to 0.1% VOUT AV = 1, VOUT = 1VP-P, RF = 0Ω, CL = 1.2pF 45 ns tEN ENABLE to Output Turn-on Delay Time; 10% EN - 10% VOUT AV = 1, VOUT = 1VDC, RL = 10kΩ, CL = 1.2pF 330 ns ENABLE to Output Turn-off Delay Time; 10% EN - 10% VOUT AV = 1, VOUT = 0VDC, RL = 10kΩ, CL = 1.2pF 50 ns NOTE: 4. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested. Electrical Specifications V+ = 5.0V, V- = GND, RL = Open, RF = 1kΩ, AV = -1 unless otherwise specified. Parameters are per amplifier. Typical values are at V+ = 5V, TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +125°C, temperature data established by characterization. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN (Note 4) TYP MAX (Note 4) UNIT ISL28190, ISL28290 |
Podobny numer części - ISL28290FRUZ-T7 |
|
Podobny opis - ISL28290FRUZ-T7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |