Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6932D1.2TR Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części L6932D1.2TR
Szczegółowy opis  HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932D1.2TR Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button L6932D1.2TR Datasheet HTML 3Page - STMicroelectronics L6932D1.2TR Datasheet HTML 4Page - STMicroelectronics L6932D1.2TR Datasheet HTML 5Page - STMicroelectronics L6932D1.2TR Datasheet HTML 6Page - STMicroelectronics L6932D1.2TR Datasheet HTML 7Page - STMicroelectronics L6932D1.2TR Datasheet HTML 8Page - STMicroelectronics L6932D1.2TR Datasheet HTML 9Page - STMicroelectronics L6932D1.2TR Datasheet HTML 10Page - STMicroelectronics L6932D1.2TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
L6932
10/11
Table 1. Revision History
Date
Revision
Description of Changes
February 2003
8
First Issue
December 2005
9
Added new Ordering Numbers: L6932D1.5 & L6932D1.5TR.


Podobny numer części - L6932D1.2TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

Podobny opis - L6932D1.2TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
   High performance 2A ULDO linear regulator with Soft Start
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
   UP TO 5A ULDO LINEAR REGULATOR
May 2000
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com