Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54000IRTZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL54000IRTZ
Szczegółowy opis  Integrated Audio Amplifier Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54000IRTZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL54000IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54000IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6458.2
ISL54000, ISL54001, ISL54002
Integrated Audio Amplifier Systems
The Intersil ISL54000, ISL54001, ISL54002 family of devices
are integrated audio power amplifier systems that combine
stereo BTL 8
Ω amplifiers in a single package. The devices are
designed to operate from a single +2.7V to +5V power supply.
All devices are offered in a 20 Ld 4x4 thin QFN package.
Targeted applications include handheld equipment such as
cell-phones, MP3 players, and games/toys.
The ISL54000, ISL54001, ISL54002 parts contain two class
AB bridge-tied (BTL) type power amplifiers for driving stereo
8
Ω speakers. Each BTL is capable of delivering 800mW (typ)
with 0.4% THD+N and 941mW (typ) with 1% THD+N of
continuous average power into an 8
Ω BTL speaker load
when using a 5V supply.
The ISL54001 and ISL54002 feature a 2:1 stereo input
multiplexer front-end. This allows selection between two
stereo sources. In addition the ISL54002 has the capability
of mixing the stereo inputs.
All devices in this family feature low power shutdown,
thermal overload protection and click/pop suppression. The
click and pop circuitry eliminates audible transients during
audio source changes and transitioning in and out of
shutdown.
Features
• Pb-Free (RoHS Compliant)
• Class AB 941mW Stereo BTL Speaker Amplifiiers
• Single Supply Operation . . . . . . . . . . . . . . . . .+2.7V to +5.5V
• THD+N at 1kHz, 800mW into 8
Ω . . . . . . . . . . . . . . . . . .0.4%
• THD+N at 1kHz, 941mW into 8
Ω . . . . . . . . . . . . . . . . . . . 1%
• Low Power Shutdown
• Thermal Shutdown Protection
• “Click and Pop” Suppression Circuitry
• 2:1 Stereo Input Mux (ISL54001, ISL54002)
• Mixing of Two Stereo Inputs (ISL54002)
• TTL Logic-Compatible
• Available in 20 Ld 4x4 Thin QFN
Applications
• Battery powered, Handheld, and Portable Equipment
- Cellular/mobile Phones
- PDA’s, MP3 Players, DVD Players, Cameras
- Laptops, Notebooks, Palmtops
- Handheld Games and Toys
• Desktop Computers
ISL54002 Typical Application Circuit and Block Diagram
MUX/MIXER
CLICK AND POP
LOGIC CONTROL
BIAS
THERMAL
PROTECTION
SD
INS
MIX
IN1R
IN2R
IN1L
IN2L
REF
OUTR+
OUTR-
OUTL+
OUTL-
GND
VDD
CREF
MICRO
CONTROLLER
RIGHT AUDIO 1
RIGHT AUDIO 2
LEFT AUDIO 1
LEFT AUDIO 2
BTL
BTL
1µF
0.1µF
0.22µF
0.22µF
0.22µF
0.22µF
MUX/MIXER
Data Sheet
October 17, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - ISL54000IRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54000IRTZ RENESAS-ISL54000IRTZ Datasheet
546Kb / 11P
   Integrated Audio Amplifier Systems
More results

Podobny opis - ISL54000IRTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54003 RENESAS-ISL54003 Datasheet
719Kb / 16P
   Integrated Audio Amplifier Systems
ISL54000 RENESAS-ISL54000 Datasheet
546Kb / 11P
   Integrated Audio Amplifier Systems
ISL54004 RENESAS-ISL54004 Datasheet
608Kb / 13P
   Integrated Audio Amplifier Systems
logo
Intersil Corporation
ISL54004 INTERSIL-ISL54004 Datasheet
262Kb / 13P
   Integrated Audio Amplifier Systems
ISL54003 INTERSIL-ISL54003 Datasheet
312Kb / 15P
   Integrated Audio Amplifier Systems
logo
National Semiconductor ...
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
   Integrated Audio Amplifier System
logo
Texas Instruments
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
[Old version datasheet]   Integrated Audio Amplifier System
logo
National Semiconductor ...
LM4852 NSC-LM4852 Datasheet
860Kb / 21P
   Integrated Audio Amplifier System
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
   Integrated Audio Amplifier System
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
   Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com