Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2670SD-12 Arkusz danych(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2670SD-12
Szczegółowy opis  SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2670SD-12 Arkusz danych(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2670SD-12 Datasheet HTML 4Page - National Semiconductor (TI) LM2670SD-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2670SD-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2670SD-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2670SD-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2670SD-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2670SD-12 Datasheet HTML 10Page - National Semiconductor (TI) LM2670SD-12 Datasheet HTML 11Page - National Semiconductor (TI) LM2670SD-12 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Typical Performance Characteristics
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD =3A
L=33µH, C
OUT = 200 µF, COUTESR=26m
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA
L=10µH, C
OUT = 400 µF, COUTESR=13m
10094217
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 1 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs/div
10094218
A: VSW Pin Voltage, 10 V/div.
B: Inductor Current, 1 A/div
C: Output Ripple Voltage, 20 mV/div AC-Coupled
Horizontal Time Base: 1 µs//iv
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT =5V
L=33µH, C
OUT = 200 µF, COUTESR=26m
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V,
L=10µH, C
OUT = 400 µF, COUTESR=13m
10094219
A: Output Voltage, 100 mV//div, AC-Coupled.
B: Load Current: 500 mA to 3A Load Pulse
Horizontal Time Base: 100 µs/div
10094220
A: Output Voltage, 100 mV/div, AC-Coupled.
B: Load Current: 200 mA to 3A Load Pulse
Horizontal Time Base: 200 µs/div
www.national.com
8


Podobny numer części - LM2670SD-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2670SD-12 NSC-LM2670SD-12 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2670SD-12 TI-LM2670SD-12 Datasheet
1Mb / 36P
[Old version datasheet]   LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2670SD-12/NOPB TI1-LM2670SD-12/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
More results

Podobny opis - LM2670SD-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2670 TI1-LM2670 Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
LM2670SX-33 TI-LM2670SX-33 Datasheet
1Mb / 36P
[Old version datasheet]   LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2670EP TI1-LM2670EP Datasheet
494Kb / 28P
[Old version datasheet]   LM2670EP Enhanced Plastic SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com