Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2670SDX-12 Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2670SDX-12
Szczegółowy opis  SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2670SDX-12 Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  LM2670SDX-12 Datasheet HTML 1Page - National Semiconductor (TI) LM2670SDX-12 Datasheet HTML 2Page - National Semiconductor (TI) LM2670SDX-12 Datasheet HTML 3Page - National Semiconductor (TI) LM2670SDX-12 Datasheet HTML 4Page - National Semiconductor (TI) LM2670SDX-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2670SDX-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2670SDX-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2670SDX-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2670SDX-12 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
All Output Voltage Versions
Electrical Characteristics
Limits appearing in bold type face apply over the entire junction temperature range of operation, −40˚C to 125˚C. Specifica-
tions appearing in normal type apply for T
A =TJ = 25˚C. Unless otherwise specified VIN=12V for the 3.3V, 5V and Adjustable
versions and V
IN=24V for the 12V version, Sync pin open circuited..
Symbol
Parameter
Conditions
Typ
Min
Max
Units
DEVICE PARAMETERS
I
Q
Quiescent
Current
V
FEEDBACK = 8V
4.2
6
mA
For 3.3V, 5.0V, and ADJ Versions
V
FEEDBACK = 15V
For 12V Versions
I
STBY
Standby
Quiescent
Current
ON/OFF Pin = 0V
50
100/150
µA
I
CL
Current Limit
4.5
3.8/3.6
5.25/5.4
A
I
L
Output Leakage
Current
V
IN = 40V, ON/OFF Pin = 0V
V
SWITCH =0V
V
SWITCH = −1V
16
200
15
µA
mA
R
DS(ON)
Switch
On-Resistance
I
SWITCH =3A
0.15
0.17/0.29
f
O
Oscillator
Frequency
Measured at Switch Pin
260
225
280
kHz
D
Duty Cycle
Maximum Duty Cycle
91
%
Minimum Duty Cycle
0
%
I
BIAS
Feedback Bias
Current
V
FEEDBACK = 1.3V
ADJ Version Only
85
nA
V
ON/OFF
ON/OFF
Threshold
Voltage
1.4
0.8
2.0
V
I
ON/OFF
ON/OFF Input
Current
ON/OFF Input = 0V
20
45
µA
F
SYNC
Synchronization
Frequency
V
SYNC(Pin 5)=3.5V, 50% Duty Cycle
400
KHz
V
SYNC
SYNC Threshold
Voltage
1.4
V
θ
JA
Thermal
Resistance
T Package, Junction to Ambient
65
(Note 5)
θ
JA
T Package, Junction to Ambient
45
(Note 6)
θ
JC
T Package, Junction to Case
2
θ
JA
S Package, Junction to Ambient
56
˚C/W
(Note 7)
θ
JA
S Package, Junction to Ambient
35
(Note 8)
θ
JA
S Package, Junction to Ambient
26
(Note 9)
θ
JC
S Package, Junction to Case
2
++
θ
JA
SD Package, Junction to Ambient
55
˚C/W
(Note 10)
θ
JA
SD Package, Junction to Ambient
29
(Note 11)
www.national.com
4


Podobny numer części - LM2670SDX-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2670SDX-12 NSC-LM2670SDX-12 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
More results

Podobny opis - LM2670SDX-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2670 TI1-LM2670 Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
LM2670SX-33 TI-LM2670SX-33 Datasheet
1Mb / 36P
[Old version datasheet]   LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2670EP TI1-LM2670EP Datasheet
494Kb / 28P
[Old version datasheet]   LM2670EP Enhanced Plastic SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2677 NSC-LM2677 Datasheet
847Kb / 26P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com