Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2852YMXA-3.0 Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM2852YMXA-3.0
Szczegółowy opis  2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852YMXA-3.0 Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  LM2852YMXA-3.0 Datasheet HTML 1Page - National Semiconductor (TI) LM2852YMXA-3.0 Datasheet HTML 2Page - National Semiconductor (TI) LM2852YMXA-3.0 Datasheet HTML 3Page - National Semiconductor (TI) LM2852YMXA-3.0 Datasheet HTML 4Page - National Semiconductor (TI) LM2852YMXA-3.0 Datasheet HTML 5Page - National Semiconductor (TI) LM2852YMXA-3.0 Datasheet HTML 6Page - National Semiconductor (TI) LM2852YMXA-3.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2852YMXA-3.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2852YMXA-3.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM2852
2A 500/1500kHz Synchronous SIMPLE SWITCHER® Buck
Regulator
General Description
The LM2852 SIMPLE SWITCHER® synchronous buck regu-
lator is a high frequency step-down switching voltage regu-
lator capable of driving up to a 2A load with excellent line and
load regulation. The LM2852 can accept an input voltage
between 2.85V and 5.5V and deliver an output voltage that is
factory programmable from 0.8V to 3.3V in 100mV incre-
ments. The LM2852 is available with a choice of two switch-
ing frequencies - 500kHz (LM2852Y) or 1.5MHz (LM2852X).
It also features internal, type-three compensation to deliver a
low component count solution. The exposed-pad TSSOP-14
package enhances the thermal performance of the LM2852.
Features
n
Input voltage range of 2.85 to 5.5V
n
Factory EEPROM set output voltages from 0.8V to 3.3V
in 100mV increments
n
Maximum load current of 2A
n
Voltage Mode Control
n
Internal type-three compensation
n
Switching frequency of 500kHz or 1.5MHz
n
Low standby current of 10µA
n
Internal 60 m
Ω MOSFET switches
n
Standard voltage options 0.8/1.0/1.2/1.5/1.8/2.5/3.3 volts
Applications
n
Low voltage point of load regulation
n
Local solution for FPGA/DSP/ASIC core power
n
Broadband networking and communications
infrastructure
n
Portable computing
Typical Application Circuit
20127001
20127002
SIMPLE SWITCHER®
SIMPLE SWITCHERreg; is a registered trademark of National Semiconductor Corporation
October 2006
© 2006 National Semiconductor Corporation
DS201270
www.national.com


Podobny numer części - LM2852YMXA-3.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2852YMXA-3.0 TI-LM2852YMXA-3.0 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
More results

Podobny opis - LM2852YMXA-3.0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com