Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55142IVZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL55142IVZ
Szczegółowy opis  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55142IVZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL55142IVZ Datasheet HTML 1Page - Intersil Corporation ISL55142IVZ Datasheet HTML 2Page - Intersil Corporation ISL55142IVZ Datasheet HTML 3Page - Intersil Corporation ISL55142IVZ Datasheet HTML 4Page - Intersil Corporation ISL55142IVZ Datasheet HTML 5Page - Intersil Corporation ISL55142IVZ Datasheet HTML 6Page - Intersil Corporation ISL55142IVZ Datasheet HTML 7Page - Intersil Corporation ISL55142IVZ Datasheet HTML 8Page - Intersil Corporation ISL55142IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6230.0
ISL55141, ISL55142, ISL55143
High-Speed 18V CMOS Comparators
ISL55141, ISL55142, ISL55143 integrated circuits are
high-speed, wide input common-mode range comparators.
They provide three-state window comparators in a high
voltage CMOS process (18V). Each comparator has dual
receive thresholds, CVA and CVB, for establishing
minimum 1-VIH and maximum 0-VIL voltage levels. These
devices can accept inputs from a number of logic families,
such as TTL, ECL, CMOS, LVCMOS, LVDS and CML. Two
bits of output per comparator provide the test controller with
qualification of a comparator input into three states. The two
output bits work with a separate user supply to establish
VOH, VOL levels compatibility with the system’s controller
logic levels.
Fast propagation delay (9.5ns typical at ±50mV overdrive)
makes this family compatible with high-speed digital test
systems. The 18V range enables the comparator input to
operate over a wide input range. Two references per input
enable and three state digitization of input with voltage
swings of up to 13V common mode. The operating
frequency of these devices is typically 65MHz.
High voltage CMOS process makes these devices ideal for
large voltage swing applications, such as special test
voltages levels associated with Flash devices or power
supervision applications and may avoid the need for test bus
isolation relay(s).
Functional Block Diagram
Features
• 18V I/O range
• 65MHz operation
• 9.5ns typical propagation delay
• Programmable input thresholds
• User defined comparator output levels
• Common-mode range includes negative rails
• Small footprints in QFN packages
• Power-down current <10µA
• Pb-free plus anneal available (RoHS compliant)
Applications
• Burn in ATE
• Low cost ATE
• Fast supervisory power control
• Instrumentation
CVAX
CVBX
VINPX
QAX
VOH
VOL
VCC
VEE
VOH
VOL
VCC
VEE
QBX
DUAL LEVEL COMPARATOR - RECEIVERS
x denotes 1, 2 or 4 channels for ISL55141, ISL55142 and ISL55143,
respectively
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL55141IRZ*
(See Note)
55141IRZ
-40 to +85
16 Ld QFN
(Pb-free)
L16.4X4A
ISL55141IVZ*
(See Note)
55141IVZ
-40 to +85
14 Ld TSSOP
(Pb-free)
M14.173
ISL55142IRZ*
(See Note)
55142IRZ
-40 to +85
20 Ld QFN
(Pb-free)
L20.5x5
ISL55142IVZ*
(See Note)
55142IVZ
-40 to +85
20 Ld TSSOP
(Pb-free)
M20.173
ISL55143IRZ*
(See Note)
55143IRZ
-40 to +85
36 Ld TQFN
(Pb-free)
L36.6X6
* Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
July 17, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - ISL55142IVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55142IVZ INTERSIL-ISL55142IVZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55142IVZ INTERSIL-ISL55142IVZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55142IVZ RENESAS-ISL55142IVZ Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
More results

Podobny opis - ISL55142IVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141IRZ INTERSIL-ISL55141IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com