Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55143 Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części ISL55143
Szczegółowy opis  High-Speed 18V CMOS Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55143 Arkusz danych(HTML) 2 Page - Intersil Corporation

  ISL55143 Datasheet HTML 1Page - Intersil Corporation ISL55143 Datasheet HTML 2Page - Intersil Corporation ISL55143 Datasheet HTML 3Page - Intersil Corporation ISL55143 Datasheet HTML 4Page - Intersil Corporation ISL55143 Datasheet HTML 5Page - Intersil Corporation ISL55143 Datasheet HTML 6Page - Intersil Corporation ISL55143 Datasheet HTML 7Page - Intersil Corporation ISL55143 Datasheet HTML 8Page - Intersil Corporation ISL55143 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6230.0
July 17, 2006
Pinouts
20
19
18
17
16
36
35
34
33
32
31
VINP1
CVA1
VCC
VEE
NC
CVB0
VINP0
CVA0
CVB1
VINP1
CVA1
1
2
3
4
5
1
2
3
4
5
6
15
14
13
12
11
27
26
25
24
23
22
PD
VEE
VCC
VOH
VOL
NC
QA0
QB0
QA1
QB1
QA2
6789
10
10
11
12
13
14
15
7
8
QB2
QA3
16
17
CVB2
VINP2
21
20
30
29
16
15
14
13
NC
CVB
VINP
CVA
1
2
3
4
12
11
10
9
NC
NC
QA
QB
5678
9
QB3
18
CVA2
19
28
18
19
20
13
17
16
15
14
1
2
3
4
5
7
6
8
CVB0
VINP0
CVA0
PD
VEE
VCC
VOL
VOH
CVB1
CVA1
NC
VCC
VEE
NC
NC
VINP1
12
9
QA0
QB1
11
10
QB0
QA1
ISL55141 SINGLE DEVICE
(4X4 QFN)
TOP VIEW
ISL55142 SINGLE DEVICE
(5X5 QFN)
TOP VIEW
ISL55141 (TSSOP)
TOP VIEW
ISL55142 (TSSOP)
TOP VIEW
ISL55143 QUAD DEVICE
(6X6 TQFN)
TOP VIEW
12
13
14
11
10
9
8
1
2
3
4
5
7
6
VEE
NC
NC
QA
QB
VOL
VOH
PD
CVB
VINP
CVA
VCC
VEE
NC
ISL55141, ISL55142, ISL55143


Podobny numer części - ISL55143

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55143 INTERSIL-ISL55143 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
ISL55143 INTERSIL-ISL55143 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55143 INTERSIL-ISL55143 Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55143IRZ INTERSIL-ISL55143IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
More results

Podobny opis - ISL55143

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141_11 Datasheet
486Kb / 14P
   High-Speed 18V CMOS Comparators
ISL55141IRZ INTERSIL-ISL55141IRZ Datasheet
424Kb / 14P
   High-Speed 18V CMOS Comparators
August 13, 2015
logo
Renesas Technology Corp
ISL55141 RENESAS-ISL55141 Datasheet
722Kb / 14P
   High-Speed 18V CMOS Comparators
logo
National Semiconductor ...
LM161 NSC-LM161 Datasheet
271Kb / 10P
   High Speed Differential Comparators
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
   High speed dual comparators
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
   HIGH SPEED DUAL COMPARATORS
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
   HIGH SPEED DUAL COMPARATORS
logo
Texas Instruments
LM161 TI1-LM161_15 Datasheet
988Kb / 16P
[Old version datasheet]   High Speed Differential Comparators
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
   HIGH SPEED DUAL COMPARATORS
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com