Zakładka z wyszukiwarką danych komponentów |
|
LM3488MMX Arkusz danych(PDF) 10 Page - National Semiconductor (TI) |
|
|
LM3488MMX Arkusz danych(HTML) 10 Page - National Semiconductor (TI) |
10 / 24 page Functional Block Diagram 10138806 Functional Description The LM3488 uses a fixed frequency, Pulse Width Modulated (PWM), current mode control architecture. In a typical appli- cation circuit, the peak current through the external MOS- FET is sensed through an external sense resistor. The volt- age across this resistor is fed into the I SEN pin. This voltage is then level shifted and fed into the positive input of the PWM comparator. The output voltage is also sensed through an external feedback resistor divider network and fed into the error amplifier negative input (feedback pin, FB). The output of the error amplifier (COMP pin) is added to the slope compensation ramp and fed into the negative input of the PWM comparator. At the start of any switching cycle, the oscillator sets the RS latch using the SET/Blank-out and switch logic blocks. This forces a high signal on the DR pin (gate of the external MOSFET) and the external MOSFET turns on. When the voltage on the positive input of the PWM comparator ex- ceeds the negative input, the RS latch is reset and the external MOSFET turns off. The voltage sensed across the sense resistor generally contains spurious noise spikes, as shown in Figure 1. These spikes can force the PWM comparator to reset the RS latch prematurely. To prevent these spikes from resetting the latch, a blank-out circuit inside the IC prevents the PWM comparator from resetting the latch for a short duration after the latch is set. This duration is about 150ns and is called the blank-out time. Under extremely light load or no-load conditions, the energy delivered to the output capacitor when the external MOSFET is on during the blank-out time is more than what is delivered to the load. An over-voltage comparator inside the LM3488 prevents the output voltage from rising under these condi- tions. The over-voltage comparator senses the feedback (FB pin) voltage and resets the RS latch under these conditions. The latch remains in reset state till the output decays to the nominal value. www.national.com 10 |
Podobny numer części - LM3488MMX |
|
Podobny opis - LM3488MMX |