Zakładka z wyszukiwarką danych komponentów |
|
LM3670MF-1.875 Arkusz danych(PDF) 2 Page - National Semiconductor (TI) |
|
|
LM3670MF-1.875 Arkusz danych(HTML) 2 Page - National Semiconductor (TI) |
2 / 17 page Typical Application (Continued) Connection Diagram and Package Mark Information Pin Descriptions Pin # Name Description 1V IN Power supply input. Connect to the input filter capacitor (Figure 1). 2 GND Ground pin. 3 EN Enable input. 4 FB Feedback analog input. Connect to the output filter capacitor (Figure 1). 5 SW Switching node connection to the internal PFET switch and NFET synchronous rectifier. Connect to an inductor with a saturation current rating that exceeds the 750 mA max. Switch Peak Current Limit specification. 20075830 FIGURE 2. Adjustable Output Voltage - Typical Application Circuit SOT23-5 Package NS Package Number MF05A 20075802 Note: The actual physical placement of the package marking will vary from part to part. FIGURE 3. Top View www.national.com 2 |
Podobny numer części - LM3670MF-1.875 |
|
Podobny opis - LM3670MF-1.875 |