Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM6132ARWZ-RL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADUM6132ARWZ-RL
Szczegółowy opis  Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM6132ARWZ-RL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADUM6132ARWZ-RL Datasheet HTML 4Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 5Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 6Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 7Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 8Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 9Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 10Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 11Page - Analog Devices ADUM6132ARWZ-RL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRELIMINARY TECHNICAL DATA
ADuM6132
Rev. PrG| Page 11 of 12
voltage waveform type imposed across the isolation barrier.
The iCoupler insulation structure degrades at different rates
depending on whether the waveform is bipolar ac, unipolar ac,
or dc. Figure 8, Figure 9, and Figure 10 illustrate these different
isolation voltage waveforms.
Bipolar ac voltage is the most stringent environment. The goal
of a 50-year operating lifetime under the ac bipolar condition
determines the maximum working voltage recommended by
Analog Devices.
In the case of unipolar ac or dc voltage, the stress on the insu-
lation is significantly lower. This allows operation at higher
working voltages while still achieving a 50-year service life.
The working voltages listed in Table 7 can be applied while
maintaining the 50-year minimum lifetime provided the voltage
conforms to either the unipolar ac or dc voltage cases. Any cross
insulation voltage waveform that does not conform to Figure 9
or Figure 10 should be treated as a bipolar ac waveform and its
peak voltage should be limited to the 50-year lifetime voltage
value listed in Table 7. Note that the voltage presented in Figure 9 is
shown as sinusoidal for illustration purposes only. It is meant to
represent any voltage waveform varying between 0 V and some
limiting value. The limiting value can be positive or negative,
but the voltage cannot cross 0 V.
0V
RATED PEAK VOLTAGE
Figure 8. Bipolar AC Waveform
0V
RATED PEAK VOLTAGE
Figure 9. Unipolar AC Waveform
0V
RATED PEAK VOLTAGE
Figure 10. DC Waveform


Podobny numer części - ADUM6132ARWZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6132ARWZ-RL AD-ADUM6132ARWZ-RL Datasheet
371Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
REV. 0
ADUM6132ARWZ-RL AD-ADUM6132ARWZ-RL Datasheet
317Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Rev. B
More results

Podobny opis - ADUM6132ARWZ-RL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM6132 AD-ADUM6132_V01 Datasheet
317Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Rev. B
ADUM6132 AD-ADUM6132_08 Datasheet
371Kb / 16P
   Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
REV. 0
ADUM5230 AD-ADUM5230 Datasheet
299Kb / 14P
   Isolated Half-Bridge Driver with Integrated High-Side Supply
REV. 0
ADUM5230 AD-ADUM5230_V01 Datasheet
770Kb / 15P
   Isolated Half-Bridge Driver with Integrated High-Side Supply
Rev. C
logo
ON Semiconductor
NCV57200 ONSEMI-NCV57200 Datasheet
310Kb / 11P
   Half Bridge Gate Driver(Isolated High & Non-Isolated Low)
December, 2019 ??Rev. 0
NCD57200 ONSEMI-NCD57200_V01 Datasheet
1Mb / 18P
   Half Bridge Gate Driver (Isolated High & Non- Isolated Low)
November, 2022 - Rev. 2
NCD57200 ONSEMI-NCD57200 Datasheet
735Kb / 18P
   Half Bridge Gate Driver (Isolated High & Non-Isolated Low)
July, 2020 ??Rev. 1
NCD57201 ONSEMI-NCD57201 Datasheet
674Kb / 18P
   Half Bridge Gate Driver (Isolated High & Non-Isolated Low)
January, 2021 ??Rev. 1
NCV57200 ONSEMI-NCV57200_V01 Datasheet
432Kb / 11P
   Half Bridge Gate Driver(Isolated High & Non- Isolated Low)
November, 2022 - Rev. 1
logo
Analog Devices
ADUM3223 AD-ADUM3223 Datasheet
422Kb / 20P
   Isolated Precision Half-Bridge Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com