Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HC4017MT Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części CD74HC4017MT
Szczegółowy opis  High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4017MT Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button CD74HC4017MT Datasheet HTML 4Page - Texas Instruments CD74HC4017MT Datasheet HTML 5Page - Texas Instruments CD74HC4017MT Datasheet HTML 6Page - Texas Instruments CD74HC4017MT Datasheet HTML 7Page - Texas Instruments CD74HC4017MT Datasheet HTML 8Page - Texas Instruments CD74HC4017MT Datasheet HTML 9Page - Texas Instruments CD74HC4017MT Datasheet HTML 10Page - Texas Instruments CD74HC4017MT Datasheet HTML 11Page - Texas Instruments CD74HC4017MT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
no Sb/Br)
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
20-Mar-2008
Addendum-Page 2


Podobny numer części - CD74HC4017MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC4017MT TI-CD74HC4017MT Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017MT TI-CD74HC4017MT Datasheet
497Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017MTE4 TI-CD74HC4017MTE4 Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017MTE4 TI-CD74HC4017MTE4 Datasheet
497Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017MTG4 TI-CD74HC4017MTG4 Datasheet
497Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
More results

Podobny opis - CD74HC4017MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD54HC4017 TI-CD54HC4017_07 Datasheet
497Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017-Q1 TI1-CD74HC4017-Q1 Datasheet
320Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
CD54HC4017 TI-CD54HC4017 Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
CD74HC4017 TI-CD74HC4017 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com