Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74HCT4066ME4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części CD74HCT4066ME4
Szczegółowy opis  High-Speed CMOS Logic Quad Bilateral Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4066ME4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button CD74HCT4066ME4 Datasheet HTML 2Page - Texas Instruments CD74HCT4066ME4 Datasheet HTML 3Page - Texas Instruments CD74HCT4066ME4 Datasheet HTML 4Page - Texas Instruments CD74HCT4066ME4 Datasheet HTML 5Page - Texas Instruments CD74HCT4066ME4 Datasheet HTML 6Page - Texas Instruments CD74HCT4066ME4 Datasheet HTML 7Page - Texas Instruments CD74HCT4066ME4 Datasheet HTML 8Page - Texas Instruments CD74HCT4066ME4 Datasheet HTML 9Page - Texas Instruments CD74HCT4066ME4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Control to Switch Feedthrough Noise
Figure 7
4.5
200
130
mV
9
550
N/A
mV
Switch “OFF” Signal Feedthrough Figure 3
Figure 8, Notes 7, 8
4.5
-72
-72
dB
Switch Input Capacitance, CS
-5
5
pF
NOTES:
6. Adjust input level for 0dBm at output, f = 1MHz.
7. VIS is centered at VCC/2.
8. Adjust input for 0dBm at VIS.
Analog Channel Specifications TA = 25oC (Continued)
PARAMETER
TEST CONDITIONS
VCC (V)
HC4066
CD74HCT4066
UNITS
Typical Performance Curves
FIGURE 1. TYPICAL “ON” RESISTANCE vs INPUT SIGNAL
VOLTAGE
FIGURE 2. SWITCH FREQUENCY RESPONSE, VCC = 4.5V
FIGURE 3. SWITCH-OFF SIGNAL FEEDTHROUGH AND CROSSTALK vs FREQUENCY, VCC = 4.5V
VCC = 4.5V, PIN 1 TO 2
50
40
30
20
10
0
01
2
3
4
5
4.5
6
7
8
9
10
INPUT SIGNAL VOLTAGE, VIS (V)
VCC = 9V, PIN 1 TO 3
TA = 25
oC, GND = 0V
CL = 10pF
VCC = 4.5V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
0
-1
-2
-3
-4
FREQUENCY, f (Hz)
104
105
106
107
108
CL = 10pF
VCC = 4.5V
RL = 50Ω
TA = 25
oC
PIN 4 TO 3
-20
-40
-60
-80
-100
FREQUENCY, f (Hz)
104
105
106
107
108
0
CD54HC4066, CD74HC4066, CD74HCT4066


Podobny numer części - CD74HCT4066ME4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HCT4066ME4 TI-CD74HCT4066ME4 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066ME4 TI-CD74HCT4066ME4 Datasheet
372Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066ME4 TI1-CD74HCT4066ME4 Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results

Podobny opis - CD74HCT4066ME4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1 Datasheet
312Kb / 13P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4066 TI-CD74HC4066 Datasheet
48Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HCT4066-Q1 TI1-CD74HCT4066-Q1_14 Datasheet
871Kb / 17P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC QUAD BILATERAL SWITCH
CD54HC4066 TI1-CD54HC4066_17 Datasheet
921Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_15 Datasheet
850Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016 Datasheet
58Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_07 Datasheet
372Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com