Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC8871B Arkusz danych(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części DAC8871B
Szczegółowy opis  16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8871B Arkusz danych(HTML) 4 Page - Burr-Brown (TI)

  DAC8871B Datasheet HTML 1Page - Burr-Brown (TI) DAC8871B Datasheet HTML 2Page - Burr-Brown (TI) DAC8871B Datasheet HTML 3Page - Burr-Brown (TI) DAC8871B Datasheet HTML 4Page - Burr-Brown (TI) DAC8871B Datasheet HTML 5Page - Burr-Brown (TI) DAC8871B Datasheet HTML 6Page - Burr-Brown (TI) DAC8871B Datasheet HTML 7Page - Burr-Brown (TI) DAC8871B Datasheet HTML 8Page - Burr-Brown (TI) DAC8871B Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
DAC8871
SBAS396 – JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = TMIN to TMAX, VCC = +15V, VSS = –15V, VREFH = +10V, VREFL = –10V, and VDD = +5V, unless
otherwise noted; specifications subject to change without notice.
DAC8871
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VCC
+13.5
+15
+19.8
V
VSS
–19.8
–15
–13.5
V
VDD
+2.7
+5.5
V
ICC
0.01
2
µA
ISS
–0.01
–2
µA
IDD
3
10
µA
Power
15
30
µW
TEMPERATURE RANGE
Specified performance
–40
+105
°C
4
Submit Documentation Feedback


Podobny numer części - DAC8871B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC8871B BURR-BROWN-DAC8871B Datasheet
528Kb / 19P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
More results

Podobny opis - DAC8871B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC8871 BURR-BROWN-DAC8871 Datasheet
528Kb / 19P
   16-Bit, Single-Channel, 짹18V Output (Unbuffered), Ultra-Low Power, Serial Interface DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
[Old version datasheet]   16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8344 BURR-BROWN-ADS8344 Datasheet
278Kb / 13P
   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com