Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP1714 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADP1714
Szczegółowy opis  evaluation boards
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP1714 Arkusz danych(HTML) 6 Page - Analog Devices

  ADP1714 Datasheet HTML 1Page - Analog Devices ADP1714 Datasheet HTML 2Page - Analog Devices ADP1714 Datasheet HTML 3Page - Analog Devices ADP1714 Datasheet HTML 4Page - Analog Devices ADP1714 Datasheet HTML 5Page - Analog Devices ADP1714 Datasheet HTML 6Page - Analog Devices ADP1714 Datasheet HTML 7Page - Analog Devices ADP1714 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EVAL-ADP1712/ADP1713/ADP1714
Rev. 0 | Page 6 of 8
LOAD REGULATION
For load regulation measurements, the regulator’s output is
monitored while the load is varied. For good load regulation,
the output must change as little as possible with varying load.
The input voltage must be held constant during this measure-
ment. The load current can be varied from 0 mA to 300 mA.
Figure 9 shows the typical load regulation performance of an
ADP1712 with fixed 3.3 V output for an input voltage of 3.8 V.
3.304
3.290
0.1
1000
ILOAD (mA)
1
10
100
3.302
3.300
3.298
3.296
3.294
3.292
Figure 9. Output Voltage vs. Load Current
DROPOUT VOLTAGE
Dropout voltage can be measured using the configuration
shown in Figure 7. Dropout voltage is defined as the input-to-
output voltage differential when the input voltage is set to the
nominal output voltage. This applies only for output voltages
above 2.5 V. Dropout voltage increases with larger loads. For
more accurate measurements, a second voltage meter can be
used to monitor the input voltage across the input capacitor.
The input supply voltage may need to be adjusted to account for
IR drops, especially if large load currents are used. Figure 10
shows a typical curve of dropout voltage measurements with
different load currents.
180
0
0.1
1000
ILOAD (mA)
1
10
100
160
140
120
100
80
60
40
20
Figure 10. Dropout Voltage vs. Load Current


Podobny numer części - ADP1714

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP1714 AD-ADP1714 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results

Podobny opis - ADP1714

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50_17 Datasheet
1Mb / 25P
   Compact Evaluation Boards
logo
CRYSTEK CORPORATION
CEVAL-033 CRYSTEKMICROWAVE-CEVAL-033 Datasheet
298Kb / 1P
   VCO Evaluation Boards
logo
STMicroelectronics
SPC570SADPT64S STMICROELECTRONICS-SPC570SADPT64S Datasheet
217Kb / 3P
   SPC570Sx microcontroller premium evaluation boards
June 2015 Rev 1
SPC574SADPT144S STMICROELECTRONICS-SPC574SADPT144S Datasheet
233Kb / 4P
   SPC574Sx microcontroller premium evaluation boards
January 2016 Rev 1
logo
IXYS Corporation
EVDD408 IXYS-EVDD408 Datasheet
85Kb / 2P
   Gate Driver IC Evaluation Boards
logo
Vicor Corporation
PRD48AF480T400A00 VICOR-PRD48AF480T400A00 Datasheet
2Mb / 9P
   PRM-AL Customer Evaluation Boards
logo
STMicroelectronics
STM32MP157A-EV1 STMICROELECTRONICS-STM32MP157A-EV1 Datasheet
3Mb / 7P
   Evaluation boards with STM32MP157 MPUs
August 2019
logo
Vicor Corporation
MP028F036M12AL-CB VICOR-MP028F036M12AL-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
V048F080T030-CB VICOR-V048F080T030-CB Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
MVTD36BF360M003A00 VICOR-MVTD36BF360M003A00 Datasheet
507Kb / 9P
   PRM짰 and VTM짰 Customer Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com