Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM79C961 Arkusz danych(PDF) 1 Page - Advanced Micro Devices

Numer części AM79C961
Szczegółowy opis  PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C961 Arkusz danych(HTML) 1 Page - Advanced Micro Devices

  AM79C961 Datasheet HTML 1Page - Advanced Micro Devices AM79C961 Datasheet HTML 2Page - Advanced Micro Devices AM79C961 Datasheet HTML 3Page - Advanced Micro Devices AM79C961 Datasheet HTML 4Page - Advanced Micro Devices AM79C961 Datasheet HTML 5Page - Advanced Micro Devices AM79C961 Datasheet HTML 6Page - Advanced Micro Devices AM79C961 Datasheet HTML 7Page - Advanced Micro Devices AM79C961 Datasheet HTML 8Page - Advanced Micro Devices AM79C961 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 173 page
background image
Publication# 18183
Rev. B
Amendment /0
Issue Date: April 1994
This document contains information on a product under development at Advanced Micro Devices, Inc.
The information is intended to help you to evaluate this product. AMD reserves the right to change or
discontinue work on this proposed product without notice.
1-475
Advanced
Micro
Devices
Am79C961
PCnet
TM-ISA+ Jumperless Single-Chip Ethernet Controller
for ISA
PRELIMINARY
DISTINCTIVE CHARACTERISTICS
s Single-chip Ethernet controller for the Industry
Standard Architecture (ISA) and Extended
Industry Standard Architecture (EISA) buses
s Supports IEEE 802.3/ANSI 8802-3 and Ethernet
standards
s Direct interface to the ISA or EISA bus
s Software compatible with AMD’s Am7990
LANCE register and descriptor architecture
s Low power, CMOS design with sleep mode
allows reduced power consumption for critical
battery powered applications
s Individual 136-byte transmit and 128-byte
receive FIFOs provide packet buffering for
increased system latency, and support the
following features:
— Automatic retransmission with no FIFO
reload
— Automatic receive stripping and transmit
padding (individually programmable)
— Automatic runt packet rejection
— Automatic deletion of received collision
frames
s Dynamic transmit FCS generation program-
mable on a frame-by-frame basis
s Single +5 V power supply
s Internal/external loopback capabilities
s Supports 8K, 16K, 32K, and 64K Boot PROMs
or Flash for diskless node applications
s Supports Microsoft’s Plug and Play System
configuration for jumperless designs
s Supports staggered AT bus drive for reduced
noise and ground bounce
s Supports 8 interrupts on chip
s Look Ahead Packet Processing (LAPP) allows
protocol analysis to begin before end of
receive frame
s Supports 4 DMA channels on chip
s Supports 16 I/O locations
s Supports 16 boot PROM locations
s Provides integrated Attachment Unit Interface
(AUI) and 10BASE-T transceiver with 2 modes
of port selection:
— Automatic selection of AUI or 10BASE-T
— Software selection of AUI or 10BASE-T
s Automatic Twisted Pair receive polarity
detection and automatic correction of the
receive polarity
s Supports bus-master and shared-memory
architectures to fit in any PC application
s Supports edge and level-sensitive interrupts
s DMA Buffer Management Unit for reduced CPU
intervention which allows higher throughput by
by-passing the platform DMA
s JTAG Boundary Scan (IEEE 1149.1) test access
port interface for board level production test
s Integrated Manchester Encoder/Decoder
s Supports the following types of network
interfaces:
— AUI to external 10BASE2, 10BASE5,
10BASE-T or 10BASE-F MAU
— Internal 10BASE-T transceiver with Smart
Squelch to Twisted Pair medium
s Supports LANCE General Purpose Serial
Interface (GPSI)
s 132-pin PQFP package
GENERAL DESCRIPTION
The PCnet-ISA+ controller, a single-chip Ethernet con-
troller, is a highly integrated system solution for the
PC-AT Industry Standard Architecture (ISA ) architec-
ture. It is designed to provide flexibility and compatibility
with any existing PC application. This highly integrated
132-pin VLSI device is specifically designed to reduce
parts count and cost, and addresses applications where
higher system throughput is desired. The PCnet-ISA+
controller is fabricated with AMD’s advanced low-power
CMOS process to provide low standby current for power
sensitive applications.
The PCnet-ISA+ controller is a DMA-based device with a
dual architecture that can be configured in two different
operating modes to suit a particular PC application. In
the Bus Master Mode all transfers are performed using


Podobny numer części - AM79C961

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pulse A Technitrol Comp...
AM79C961 PULSE-AM79C961 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
   PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961A AMD-AM79C961A Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961AKC AMD-AM79C961AKC Datasheet
1Mb / 85P
   PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961AKC AMD-AM79C961AKC Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
More results

Podobny opis - AM79C961

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM79C960 AMD-AM79C960 Datasheet
814Kb / 127P
   PCnetTM-ISA Single-Chip Ethernet Controller
AM79C961A AMD-AM79C961A_00 Datasheet
2Mb / 206P
   PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
   PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
logo
SMSC Corporation
91C94 SMSC-91C94 Datasheet
447Kb / 120P
   ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A Datasheet
1Mb / 128P
   Crystal LAN ??ISA Ethernet Controller
CS8900A CIRRUS-CS8900A_07 Datasheet
2Mb / 138P
   Crystal LAN ??ISA Ethernet Controller
logo
Davicom Semiconductor, ...
DM9008F DAVICOM-DM9008F Datasheet
34Kb / 2P
   ISA/Plug & Play Super Ethernet Controller
logo
Intel Corporation
82595FX INTEL-82595FX Datasheet
643Kb / 54P
   ISA BUS HIGH INTEGRATION ETHERNET CONTROLLER
logo
Cirrus Logic
CS8900A CIRRUS-CS8900A_01 Datasheet
2Mb / 137P
   Crystal LAN TM ISA Ethernet Controller
logo
Intel Corporation
82595TX INTEL-82595TX Datasheet
709Kb / 59P
   ISA/PCMCIA HIGH INTEGRATION ETHERNET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com