Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL811ST Arkusz danych(PDF) 9 Page - Cypress Semiconductor

Numer części SL811ST
Szczegółowy opis  SL811S/T USB Dual Speed Slave Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811ST Arkusz danych(HTML) 9 Page - Cypress Semiconductor

Back Button SL811ST Datasheet HTML 5Page - Cypress Semiconductor SL811ST Datasheet HTML 6Page - Cypress Semiconductor SL811ST Datasheet HTML 7Page - Cypress Semiconductor SL811ST Datasheet HTML 8Page - Cypress Semiconductor SL811ST Datasheet HTML 9Page - Cypress Semiconductor SL811ST Datasheet HTML 10Page - Cypress Semiconductor SL811ST Datasheet HTML 11Page - Cypress Semiconductor SL811ST Datasheet HTML 12Page - Cypress Semiconductor SL811ST Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SL811S/T
Document #: 38-08009 Rev. **
Page 9 of 27
Figure 4-2. 12-MHz Crystal Circuit.
4.10
Power Resume and Suspend Mode
SL811S/T has a built-in SOF (Start of Frame) Detect Interrupt signal that can be monitored by an external microprocessor. The
SOF indicates continuous USB activity and is transmitted by the USB Host every 1 ms (millisecond). The selected processor can
use its timer to track non-SOFs or non-USB activity, and thus start the power Suspend sequence. The peripheral requires
additional hardware to enable power shutdown to the SL811S/T, the removal of 3.3V power to USB Data+ line pull-up resistor,
(which signals a disconnect t the USB Host), and to turn-off the clock to the SL811S/T. In Suspend mode, the unit will draw less
than 40
µA (Micro-Amperes).
The SL811S/T can signal a wake-up to the Host USB device, providing the Pull-up resistor remains powered during the Suspend
time. A register control bit allows the SL811S/T to output a ‘K’ State on the USB to signal the Host. See Force Function description
in the Control Register Section. If the pull-up is powered down during Suspend, restoring power to the pull-up will signal a device
connect to the USB host.
4.11
SL811S/T Registers
Operation and control of the SL811S/T is managed through the internal registers. A portion of the internal RAM is devoted to the
register space and access is through the microprocessor interface. The registers provide control and status information for
transactions on the USB, microprocessor interface, DMA and interrupts.
4.12
Auto Address Increment Mode
The SL811S/T supports auto increment mode to reduce read and write memory cycles. In this mode, the microcontroller needs
to set up the address only once. Whenever any subsequent DATA is accessed, the internal address counter will advance to the
next address location.
Once the address of the starting location has been set, the write operations will write the data bytes in consecutive locations. For
example, assume the value Index1 was written into the Address register of SL811S/T during the Address cycle (with the A0 input
set low). The write operations in the data cycle (with A0 input set High) will write the data bytes into the sequential internal memory
locations Index1, Index1 + 1, Index1 + 2 and so on. The Auto increment mode also works on read operations from SL811S/T
operations. After setting the address of the starting location once, the read operations will read the subsequent internal memory
locations.
For example
Write 0x10 to SL811S/T in address cycle (A0 is set low)
Write 0x55 to SL811S/T in data cycle (A0 is set high) -> write 0x55 to location 0x10
Write 0xaa to SL811S/T in data cycle (A0 is set high) -> write 0xaa to location 0x11
Write 0xbb to SL811S/T in data cycle (A0 is set high) -> write 0xbb to location 0x12
X1
1 2MHz , series, 20-pF load
Rf
1M
Cin
22 pF
Cout
22 pF
Rs
100
X2
X1


Podobny numer części - SL811ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results

Podobny opis - SL811ST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
logo
Beckhoff Automation Gmb...
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
   Slave Controller
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
   Slave Controller
logo
Future Technology Devic...
FT121Q-R FTDI-FT121Q-R Datasheet
1Mb / 46P
   Enhanced USB Device Controller with SPI Slave IC
logo
Feeling Technology Corp...
FM8PU86LK FEELING-FM8PU86LK Datasheet
861Kb / 36P
   Full-Speed USB Controller
FM8PU83 FEELING-FM8PU83 Datasheet
225Kb / 32P
   Full-Speed USB Controller
FM8PU83M FEELING-FM8PU83M Datasheet
1Mb / 37P
   Full-Speed USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com