Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74LS283 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części DM74LS283
Szczegółowy opis  4-Bit Binary Adders with Fast Carry
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS283 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  DM74LS283 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 6Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 7Page - Fairchild Semiconductor DM74LS283 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM54LS and 54LS
−55˚C to +125˚C
DM74LS
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
Recommended Operating Conditions
Symbol
Parameter
DM54LS283
DM74LS283
Units
Min
Nom
Max
Min
Nom
Max
V
CC
Supply Voltage
4.5
5
5.5
4.75
5
5.25
V
V
IH
High Level Input Voltage
2
2
V
V
IL
Low Level Input Voltage
0.7
0.8
V
I
OH
High Level Output Current
−0.4
−0.4
mA
I
OL
Low Level Output Current
4
8
mA
T
A
Free Air Operating Temperature
−55
125
0
70
˚C
Note 1:
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these
limits. The parametric values defined in the “Electrical Characteristics” table are not guaranteed at the absolute maximum ratings. The “Recommended Operating
Conditions” table will define the conditions for actual device operation.
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
V
I
Input Clamp Voltage
V
CC = Min, II = −18 mA
−1.5
V
V
OH
High Level Output
V
CC = Min, IOH =
Max
DM54
2.5
3.4
V
Voltage
V
IL = Max, VIH = Min
DM74
2.7
3.4
V
OL
Low Level Output
V
CC = Min, IOL = Max
DM54
0.25
0.4
Voltage
V
IL = Max, VIH = Min
DM74
0.35
0.5
V
I
OL = 4 mA, VCC =
Min
DM74
0.25
0.4
I
I
Input Current @ Max
V
CC = Max
A, B
0.2
mA
Input Voltage
V
I = 7V
C0
0.1
I
IH
High Level Input
V
CC = Max
A, B
40
µA
Current
V
I = 2.7V
C0
20
I
IL
Low Level Input
V
CC = Max
A, B
−0.8
mA
Current
V
I = 0.4V
C0
−0.4
I
OS
Short Circuit
V
CC = Max
DM54
−20
−100
mA
Output Current
DM74
−20
−100
I
CC1
Supply Current
V
CC = Max (Note 4)
19
34
mA
I
CC2
Supply Current
V
CC = Max (Note 5)
22
39
mA
Note 2: All typicals are at VCC = 5V, TA = 25˚C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICC1 is measured with all outputs open, all B inputs low and all other inputs at 4.5V, or all inputs at 4.5V.
Note 5: ICC2 is measured with all outputs open and all inputs grounded.
www.fairchildsemi.com
2


Podobny numer części - DM74LS283

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DM74LS283 NSC-DM74LS283 Datasheet
158Kb / 8P
   4-Bit Binary Adders with Fast Carry
logo
Fairchild Semiconductor
DM74LS283 FAIRCHILD-DM74LS283 Datasheet
63Kb / 6P
   4-Bit Binary Adder with Fast Carry
logo
National Semiconductor ...
DM74LS283M NSC-DM74LS283M Datasheet
158Kb / 8P
   4-Bit Binary Adders with Fast Carry
logo
Fairchild Semiconductor
DM74LS283M FAIRCHILD-DM74LS283M Datasheet
63Kb / 6P
   4-Bit Binary Adder with Fast Carry
logo
National Semiconductor ...
DM74LS283N NSC-DM74LS283N Datasheet
158Kb / 8P
   4-Bit Binary Adders with Fast Carry
More results

Podobny opis - DM74LS283

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54LS283 NSC-54LS283 Datasheet
158Kb / 8P
   4-Bit Binary Adders with Fast Carry
54LS83A NSC-54LS83A Datasheet
108Kb / 4P
   4-BIT BINARY ADDERS WITH FAST CARRY
logo
Texas Instruments
SN74S283 TI-SN74S283 Datasheet
317Kb / 8P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN54HC283 TI1-SN54HC283_08 Datasheet
147Kb / 7P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
logo
Hitachi Semiconductor
HD74LS83A HITACHI-HD74LS83A Datasheet
82Kb / 7P
   4-Bit Binary Full Adders(with Fast Carry)
logo
Texas Instruments
SN54F283 TI-SN54F283_08 Datasheet
785Kb / 16P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54HC283 TI-SN54HC283 Datasheet
119Kb / 6P
[Old version datasheet]   4 BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI-SN54F283_07 Datasheet
532Kb / 13P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54F283 TI-SN54F283 Datasheet
81Kb / 5P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
SN54283 TI1-SN54283_15 Datasheet
657Kb / 11P
[Old version datasheet]   4-BIT BINARY FULL ADDERS WITH FAST CARRY
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com