Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1934YSTZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD1934YSTZ
Szczegółowy opis  8-Channel DAC with PLL, 192 kHz, 24 Bits
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1934YSTZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD1934YSTZ Datasheet HTML 4Page - Analog Devices AD1934YSTZ Datasheet HTML 5Page - Analog Devices AD1934YSTZ Datasheet HTML 6Page - Analog Devices AD1934YSTZ Datasheet HTML 7Page - Analog Devices AD1934YSTZ Datasheet HTML 8Page - Analog Devices AD1934YSTZ Datasheet HTML 9Page - Analog Devices AD1934YSTZ Datasheet HTML 10Page - Analog Devices AD1934YSTZ Datasheet HTML 11Page - Analog Devices AD1934YSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD1934
Rev. 0 | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Analog (AVDD)
−0.3 V to +3.6 V
Digital (DVDD)
−0.3 V to +3.6 V
Input Current (Except Supply Pins)
±20 mA
Analog Input Voltage (Signal Pins)
–0.3 V to AVDD + 0.3 V
Digital Input Voltage (Signal Pins)
−0.3 V to DVDD + 0.3 V
Operating Temperature Range (Case)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA represents thermal resistance, junction-to-ambient; θJC
represents the thermal resistance, junction-to-case. All
characteristics are for a 4-layer board.
Table 9. Thermal Resistance
Package Type
θJA
θJC
Unit
48-Lead LQFP
50.1
17
°C/W
ESD CAUTION


Podobny numer części - AD1934YSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1934YSTZ AD-AD1934YSTZ Datasheet
575Kb / 28P
   8-Channel DAC
AD1934YSTZ-RL AD-AD1934YSTZ-RL Datasheet
575Kb / 28P
   8-Channel DAC
More results

Podobny opis - AD1934YSTZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1933YSTZ AD-AD1933YSTZ Datasheet
380Kb / 28P
   8-Channel DAC with PLL and Differential Outputs, 192 kHz, 24 Bits
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com