Zakładka z wyszukiwarką danych komponentów |
|
TMP320C6713PYPA225 Arkusz danych(PDF) 11 Page - Texas Instruments |
|
TMP320C6713PYPA225 Arkusz danych(HTML) 11 Page - Texas Instruments |
11 / 148 page TMS320C6713 FLOATINGPOINT DIGITAL SIGNAL PROCESSOR SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005 11 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 description The TMS320C67x t DSPs (including the TMS320C6713 device†) compose the floating-point DSP generation in the TMS320C6000 t DSP platform. The C6713 device is based on the high-performance, advanced very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI), making this DSP an excellent choice for multichannel and multifunction applications. Operating at 225 MHz, the C6713 delivers up to 1350 million floating-point operations per second (MFLOPS), 1800 million instructions per second (MIPS), and with dual fixed-/floating-point multipliers up to 450 million multiply-accumulate operations per second (MMACS). The C6713 uses a two-level cache-based architecture and has a powerful and diverse set of peripherals. The Level 1 program cache (L1P) is a 4K-Byte direct-mapped cache and the Level 1 data cache (L1D) is a 4K-Byte 2-way set-associative cache. The Level 2 memory/cache (L2) consists of a 256K-Byte memory space that is shared between program and data space. 64K Bytes of the 256K Bytes in L2 memory can be configured as mapped memory, cache, or combinations of the two. The remaining 192K Bytes in L2 serves as mapped SRAM. The C6713 has a rich peripheral set that includes two Multichannel Audio Serial Ports (McASPs), two Multichannel Buffered Serial Ports (McBSPs), two Inter-Integrated Circuit (I2C) buses, one dedicated General-Purpose Input/Output (GPIO) module, two general-purpose timers, a host-port interface (HPI), and a glueless external memory interface (EMIF) capable of interfacing to SDRAM, SBSRAM, and asynchronous peripherals. The two McASP interface modules each support one transmit and one receive clock zone. Each of the McASP has eight serial data pins which can be individually allocated to any of the two zones. The serial port supports time-division multiplexing on each pin from 2 to 32 time slots. The C6713 has sufficient bandwidth to support all 16 serial data pins transmitting a 192 kHz stereo signal. Serial data in each zone may be transmitted and received on multiple serial data pins simultaneously and formatted in a multitude of variations on the Philips Inter-IC Sound (I2S) format. In addition, the McASP transmitter may be programmed to output multiple S/PDIF, IEC60958, AES-3, CP-430 encoded data channels simultaneously, with a single RAM containing the full implementation of user data and channel status fields. The McASP also provides extensive error-checking and recovery features, such as the bad clock detection circuit for each high-frequency master clock which verifies that the master clock is within a programmed frequency range. The two I2C ports on the TMS320C6713 allow the DSP to easily control peripheral devices and communicate with a host processor. In addition, the standard multichannel buffered serial port (McBSP) may be used to communicate with serial peripheral interface (SPI) mode peripheral devices. The TMS320C6713 device has two bootmodes: from the HPI or from external asynchronous ROM. For more detailed information, see the bootmode section of this data sheet. The TMS320C67x DSP generation is supported by the TI eXpressDSP t set of industry benchmark development tools, including a highly optimizing C/C++ Compiler, the Code Composer Studio t Integrated Development Environment (IDE), JTAG-based emulation and real-time debugging, and the DSP/BIOS t kernel. TMS320C6000, eXpressDSP, Code Composer Studio, and DSP/BIOS are trademarks of Texas Instruments. † Throughout the remainder of this document, the TMS320C6713 shall be referred to as C6713 or 13. |
Podobny numer części - TMP320C6713PYPA225 |
|
Podobny opis - TMP320C6713PYPA225 |