Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD101BW Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SD101BW
Szczegółowy opis  SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SD101BW Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SD101BW Datasheet HTML 1Page - List of Unclassifed Manufacturers SD101BW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sep-03, Rev A
Micro Electronic Instrument Inc.
SCHOTTKY BARRIER DIODE
VOLTAGE RANGE
40 To 60 Volts
SD101AW THRU SD101CW
CURRENT
15 mA
FEATURES
Fast Switching speed
Low forward voltage
Low capacitance
Guard ring for transient and ESD protection
Also available in the DO-35 package as SD101A and
Mini-MELF as LL101A
MECHANICAL DATA
Case: SOD-123 Plastic
Terminals: solderable per MIL-STD-202
Method 208
Polarity: Color band denotes cathode end
Weight: 0.00035 ounce, 0.01 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified
SYMBOLS
SD101CW SD101BW SD101CW UNIT
Repetitive Peak Reverse Voltage
VRRM
60
50
40
Volt
Continuous Reverse Voltage
VR
60
50
40
Volt
RMS Reverse Voltage
Vrms
42
35
28
Volt
Forward Continuous Current (Note 1)
IFM
15
mA
Non-Repetitive Peak Forward Surge Current @ T = 1.0µS
T = 1.0S
IFSM
50
2.0
mA
Amps
Peak Forward Surge Current@ TP < 1 Sec, TA = 25OC
IFSM
150
mA
Maximum Forward Voltage @ 1.0mA
15mA
VF
0.41
1.0
0.4
0.95
0.39
0.90
Volts
Maximum Leakage Current, @ TJ = 25O
IR
200
@VF =50V
200
@VF =40V
200
@VF =30V
nA
Maximum Reverse Recovery Time
IF = 10mA, IR=10mA, IRR = 1mA, RL = 100Ώ
trr
1
nS
Power dissipation (Note 1)
PTOT
400
mW
Typical Junction Capacitance , VF = 1V, f = 1MHz
CJ
2.0
2.1
2.2
pF
Typical Thermal Resistance
RθJA
300
OC/W
Operating Junction Temperature Range
TJ
(-55 to +150)
OC
Storage Temperature Range
TSTG
(-55 to +150)
OC
Notes:
1. Valid provided terminals are kept at ambient
SOD-123


Podobny numer części - SD101BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
SD101BW DIOTEC-SD101BW Datasheet
137Kb / 2P
   SMD Small Signal Schottky Diodes
logo
Diodes Incorporated
SD101BW DIODES-SD101BW Datasheet
70Kb / 2P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11012 Rev. 9 - 2
logo
Jinan Jingheng (Group) ...
SD101BW JINANJINGHENG-SD101BW Datasheet
87Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
SD101BW MCC-SD101BW Datasheet
150Kb / 2P
   Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
SD101BW BILIN-SD101BW Datasheet
194Kb / 3P
   Schottky Barrier Diode
More results

Podobny opis - SD101BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com