Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK14EC16 Arkusz danych(PDF) 9 Page - Simtek Corporation

Numer części STK14EC16
Szczegółowy opis  256Kx16 AutoStore nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIMTEK [Simtek Corporation]
Strona internetowa  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC16 Arkusz danych(HTML) 9 Page - Simtek Corporation

Back Button STK14EC16 Datasheet HTML 5Page - Simtek Corporation STK14EC16 Datasheet HTML 6Page - Simtek Corporation STK14EC16 Datasheet HTML 7Page - Simtek Corporation STK14EC16 Datasheet HTML 8Page - Simtek Corporation STK14EC16 Datasheet HTML 9Page - Simtek Corporation STK14EC16 Datasheet HTML 10Page - Simtek Corporation STK14EC16 Datasheet HTML 11Page - Simtek Corporation STK14EC16 Datasheet HTML 12Page - Simtek Corporation STK14EC16 Datasheet HTML 13Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STK14EC16
9
Simtek Confidential
Jan, 2008
Document Control #ML0061 Rev 1.1
Preliminary
SOFTWARE-CONTROLLED STORE/RECALL CYCLEk.l
Note k:
The software sequence is clocked on the falling edge of E controlled READs or G controlled READs
Note l:
The six consecutive addresses must be read in the order listed in the Software STORE/RECALL Mode Selection Table. W must be high during
all six consecutive E or G controlled cycles.
SOFTWARE STORE/RECALL CYCLE: E CONTROLLEDl
SOFTWARE STORE/RECALL CYCLE: G CONTROLLEDl
NO.
Symbols
PARAMETER
STK14EC16-15
STK14EC16-25
STK14EC16-45
UNITS
NOTES
E Contk
G Contk
Alternate
MIN
MAX
MIN
MAX
MIN
MAX
30
tAVAV
tAVAV
tRC
STORE/RECALL Initiation Cycle Time
15
25
45
ns
31
tAVEL
tAVGL
tAS
Address Set-up Time
0
0
0
ns
32
tELEH
tGLGH
tCW
Clock Pulse Width
12
20
30
ns
33
tEHAX
tGHAX
Address Hold Time
1
1
1
ns
l
34
tRECALL
tRECALL
RECALL Duration
150
150
150
μs
DQ (DATA)
G
E
30
tAVAV
DATA VALID
ADDRESS
ADDRESS #1
HIGH IMPEDENCE
31
tAVEL
33
tEHAX
32
tELEH
34
t RECALL
30
tAVAV
ADDRESS #6
27
t STORE
DATA VALID
/
Deby
ADDRESS
E
G
DQ (DATA)
30
tAVAV
DATA VALID
ADDRESS #1
HIGH IMPEDENCE
34
t RECALL
30
tAVAV
ADDRESS #6
27
t STORE
31
tAVGL
32
tGLGH
DATA VALID
/
33
tGHAX
Pachuco Boys


Podobny numer części - STK14EC16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8 SIMTEK-STK14EC8 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15 SIMTEK-STK14EC8-BF15 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15I SIMTEK-STK14EC8-BF15I Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15ITR SIMTEK-STK14EC8-BF15ITR Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
More results

Podobny opis - STK14EC16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com