Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI07N60S5 Arkusz danych(PDF) 1 Page - Infineon Technologies AG

Numer części SPI07N60S5
Szczegółowy opis  Cool MOS??Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI07N60S5 Arkusz danych(HTML) 1 Page - Infineon Technologies AG

  SPI07N60S5_02 Datasheet HTML 1Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 2Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 3Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 4Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 5Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 6Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 7Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 8Page - Infineon Technologies AG SPI07N60S5_02 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
2002-07-26
SPI07N60S5
SPP07N60S5, SPB07N60S5
Final data
Cool MOS™ Power Transistor
• New revolutionary high voltage technology
• Ultra low gate charge
• Periodic avalanche rated
• Extreme dv/dt rated
• Optimized capacitances
• Improved noise immunity
Product Summary
VDS @ Tjmax
650
V
RDS(on)
0.6
ID
7.3
A
P-TO262
P-TO263-3-2
P-TO220-3-1
G,1
D,2
S,3
Marking
07N60S5
07N60S5
07N60S5
Type
Package
Ordering Code
SPP07N60S5
P-TO220-3-1
Q67040-S4172
SPB07N60S5
P-TO263-3-2
Q67040-S4185
SPI07N60S5
P-TO262
Q67040-S4328
Maximum Ratings, at Tc = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Continuous drain current
TC=25°C
TC=100°C
ID
7.3
4.6
A
Pulsed drain current 1)
TC=25°C
ID puls
14.6
Avalanche energy, single pulse
ID = 5.5 A, VDD = 50 V
EAS
230
mJ
Avalanche energy (repetitive, limited by Tjmax)
ID = 7.3 A , VDD = 50 V
EAR
0.5
Avalanche current (repetitive, limited by Tjmax)
IAR
7.3
A
Reverse diode dv/dt
IS=7.3A, VDS<VDSS, di/dt=100A/µs, Tjmax=150°C
dv/dt
6
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC=25°C
Ptot
83
W
Operating and storage temperature
Tj , Tstg
-55... +150
°C


Podobny numer części - SPI07N60S5_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SPI07N60S5 INFINEON-SPI07N60S5 Datasheet
332Kb / 12P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPI07N60S5 INFINEON-SPI07N60S5 Datasheet
534Kb / 12P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 2.7 2009-11-27
logo
Inchange Semiconductor ...
SPI07N60S5 ISC-SPI07N60S5 Datasheet
315Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - SPI07N60S5_02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com