Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7335D1PBF Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRF7335D1PBF
Szczegółowy opis  Dual FETKY Co-Packaged Dual MOSFET Plus Schottky Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7335D1PBF Arkusz danych(HTML) 6 Page - International Rectifier

Back Button IRF7335D1PBF Datasheet HTML 2Page - International Rectifier IRF7335D1PBF Datasheet HTML 3Page - International Rectifier IRF7335D1PBF Datasheet HTML 4Page - International Rectifier IRF7335D1PBF Datasheet HTML 5Page - International Rectifier IRF7335D1PBF Datasheet HTML 6Page - International Rectifier IRF7335D1PBF Datasheet HTML 7Page - International Rectifier IRF7335D1PBF Datasheet HTML 8Page - International Rectifier IRF7335D1PBF Datasheet HTML 9Page - International Rectifier IRF7335D1PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRF7335D1PbF
6
www.irf.com
Fig 23. Typical On-Resistance Vs. Gate Voltage
Fig 21. Typical On-Resistance Vs. Drain Current
Fig 22. Typical On-Resistance Vs. Drain Current
Fig 24. Typical On-Resistance Vs. Gate Voltage
Q1 - Control FET
Q2 - Synchronous FET & Schottky
Typical Characteristics
Fig 19. Normalized On-Resistance
Vs. Temperature
Fig 20. Normalized On-Resistance
Vs. Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature
( C)
J
°
V
=
I
=
GS
D
4.5V
10A
0
2040
6080
100
ID , Drain Current (A)
0.009
0.010
0.011
VGS = 4.5V
3.0
3.5
4.0
4.5
VGS, Gate -to -Source Voltage (V)
0.005
0.010
0.015
ID = 10A
-60 -40 -20
0
20
40
60
80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 10A
VGS = 4.5V
0
20
40
60
80
ID , Drain Current (A)
0.010
0.015
0.020
0.025
0.030
VGS= 4.5V
2.0
4.0
6.0
8.0
10.0
VGS, Gate -to -Source Voltage (V)
0.00
0.01
0.02
0.03
ID = 10A


Podobny numer części - IRF7335D1PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
More results

Podobny opis - IRF7335D1PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
IRF7901D1 IRF-IRF7901D1 Datasheet
256Kb / 8P
   Dual FETKY??Co-Packaged Dual MOSFET Plus Schottky Diode
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com