Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC2911 Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części 2SC2911
Szczegółowy opis  160V/140mA High-Voltage Switching and AF 100W Predriver Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2911 Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  2SC2911 Datasheet HTML 1Page - Sanyo Semicon Device 2SC2911 Datasheet HTML 2Page - Sanyo Semicon Device 2SC2911 Datasheet HTML 3Page - Sanyo Semicon Device 2SC2911 Datasheet HTML 4Page - Sanyo Semicon Device 2SC2911 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PS No.779-5/5
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be expor ted without obtaining the expor t license from the author ities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of July, 2002. Specifications and information herein are subject to
change without notice.
2SA1209/2SC2911


Podobny numer części - 2SC2911

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SC2911 SANYO-2SC2911 Datasheet
104Kb / 4P
   160V/140mA High-Voltage Switching AF 100W Predriver Applications
logo
Inchange Semiconductor ...
2SC2911 ISC-2SC2911 Datasheet
104Kb / 2P
   High Switching Speed
More results

Podobny opis - 2SC2911

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
   160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1477 SANYO-2SA1477 Datasheet
119Kb / 4P
   160V/140mA Switching Applications
2SA1257 SANYO-2SA1257 Datasheet
103Kb / 4P
   High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1011P SANYO-2SA1011P Datasheet
57Kb / 4P
   High-Voltage Switching, AF Power Amp,100W Output Predriver Applications
2SA1011 SANYO-2SA1011 Datasheet
90Kb / 3P
   High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
   HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
   High-Voltage Switching, AF 60W Predriver Applications
2SA1606 SANYO-2SA1606 Datasheet
99Kb / 3P
   High-Voltage Switching,AF 100W Driver Applications
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
   High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SA1415 SANYO-2SA1415 Datasheet
108Kb / 4P
   High-Voltage Switching, Predriver Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com