Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C2001-15N1X Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części M27C2001-15N1X
Szczegółowy opis  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-15N1X Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button M27C2001-15N1X Datasheet HTML 6Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 7Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 8Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 9Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 10Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 11Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 12Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 13Page - STMicroelectronics M27C2001-15N1X Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
M27C2001
10/16
Table 11. Ordering Information Scheme
Note: 1. High Speed, see AC Characteristics section for further information.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M27C2001
-55
X
C
1
X
Device Type
M27
Supp ly Voltage
C= 5V
Device Function
2001 = 2Mb, 256Kb x8
Speed
-55 (1) =55 ns
-70 = 70 ns
-80 = 80 ns
-90 = 90 ns
-10 = 100 ns
Not for New Design
-12 = 120 ns
-15 = 150 ns
-20 = 200 ns
-25 = 250 ns
VCC Tolerance
X=
± 5%
blank =
± 10%
Package
F = FDIP32W
B = PDIP32
L = LCCC32W
C = PLCC32
N = TSOP32: 8 x 20mm
Temperature Range
1= 0to 70
°C
6= –40 to 85
°C
Optio ns
X = Additional Burn-in
TR = Tape & Reel Packing


Podobny numer części - M27C2001-15N1X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C2001-15N1TR STMICROELECTRONICS-M27C2001-15N1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Podobny opis - M27C2001-15N1X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
April 2006 Rev 4
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com