Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M27C2001-25XC6X Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części M27C2001-25XC6X
Szczegółowy opis  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-25XC6X Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button M27C2001-25XC6X Datasheet HTML 5Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 6Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 7Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 8Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 9Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 10Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 11Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 12Page - STMicroelectronics M27C2001-25XC6X Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9/16
M27C2001
On-Board Programming
The M27C2001 can be directly programmed in the
application circuit. See the relevant Application
Note AN620.
Electronic Signature
The Electronic Signature (ES) mode allows the
reading out of a binary code from an EPROM that
will identify its manufacturer and type. This mode
is intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm.
The ES mode is functional in the 25
°C ± 5°C am-
bient temperature range that is required when pro-
gramming the M27C2001. To activate the ES
mode, the programming equipment must force
11.5V to 12.5V on address line A9 of the
M27C2001 with VPP=VCC=5V. Two identifier
bytes may then be sequenced from the device out-
puts by toggling address line A0 from VIL to VIH. All
other address lines must be held at VIL during
Electronic Signature mode. Byte 0 (A0=VIL) repre-
sents the manufacturer code and byte 1 (A0=VIH)
the device identifier code. For the STMicroelec-
tronics M27C2001, these two identifier bytes are
given in Table 4 and can be read-out on outputs
Q0 to Q7.
ERASURE OPERATION (applies to UV EPROM)
The erasure characteristics of the M27C2001 are
such that erasure begins when the cells are ex-
posed to light with wavelengths shorter than ap-
proximately 4000 Å. It should be noted that
sunlight and some type of fluorescent lamps have
wavelengths in the 3000-4000 Å range. Data
shows that constant exposure to room level fluo-
rescent lighting could erase a typical M27C2001 in
about 3 years, while it would take approximately 1
week to cause erasure when exposed to direct
sunlight. If the M27C2001 is to be exposed to
these types of lighting conditions for extended pe-
riods of time, it is suggested that opaque labels be
put over the M27C2001 window to prevent unin-
tentional erasure. The recommended erasure pro-
cedure for the M27C2001 is exposure to short
wave ultraviolet light which has wavelength of
2537 Å. The integrated dose (i.e. UV intensity x
exposure time) for erasure should be a minimum
of 15 W-sec/cm2. The erasure time with this dos-
age is approximately 15 to 20 minutes using an ul-
traviolet lamp with 12000
µW/cm2 power rating.
The M27C2001 should be placed within 2.5 cm (1
inch) of the lamp tubes during the erasure. Some
lamps have a filter on their tubes which should be
removed before erasure.


Podobny numer części - M27C2001-25XC6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C2001-25XC6TR STMICROELECTRONICS-M27C2001-25XC6TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Podobny opis - M27C2001-25XC6X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
April 2006 Rev 4
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com