Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CBTLV16800 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części SN74CBTLV16800
Szczegółowy opis  LOW-VOLTAGE 20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV16800 Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74CBTLV16800_08 Datasheet HTML 1Page - Texas Instruments SN74CBTLV16800_08 Datasheet HTML 2Page - Texas Instruments SN74CBTLV16800_08 Datasheet HTML 3Page - Texas Instruments SN74CBTLV16800_08 Datasheet HTML 4Page - Texas Instruments SN74CBTLV16800_08 Datasheet HTML 5Page - Texas Instruments SN74CBTLV16800_08 Datasheet HTML 6Page - Texas Instruments SN74CBTLV16800_08 Datasheet HTML 7Page - Texas Instruments SN74CBTLV16800_08 Datasheet HTML 8Page - Texas Instruments SN74CBTLV16800_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC/2
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
Input
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V
VOH − V
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
VCC/2
2.5 V
± 0.2 V
3.3 V
± 0.3 V
500
500
VCC
RL
0.15 V
0.3 V
V
CL
30 pF
50 pF
SN74CBTLV16800
LOW-VOLTAGE 20-BIT FET BUS SWITCH
WITH PRECHARGED OUTPUTS
SCDS045J – DECEMBER 1997 – REVISED MARCH 2005
Figure 1. Load Circuit and Voltage Waveforms
5


Podobny numer części - SN74CBTLV16800_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV16800DGG TI-SN74CBTLV16800DGG Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBTLV16800DGV TI-SN74CBTLV16800DGV Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBTLV16800DL TI-SN74CBTLV16800DL Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Podobny opis - SN74CBTLV16800_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV16800 TI-SN74CBTLV16800 Datasheet
84Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74CBTLV16800 IDT-IDT74CBTLV16800 Datasheet
76Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI-SN74CBT6800A_08 Datasheet
476Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800 Datasheet
69Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
74CBTLV6800 RENESAS-74CBTLV6800 Datasheet
266Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
MAY 2019
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800_14 Datasheet
98Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com