Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5319 Arkusz danych(PDF) 5 Page - Silicon Laboratories

Numer części SI5319
Szczegółowy opis  ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5319 Arkusz danych(HTML) 5 Page - Silicon Laboratories

  SI5319 Datasheet HTML 1Page - Silicon Laboratories SI5319 Datasheet HTML 2Page - Silicon Laboratories SI5319 Datasheet HTML 3Page - Silicon Laboratories SI5319 Datasheet HTML 4Page - Silicon Laboratories SI5319 Datasheet HTML 5Page - Silicon Laboratories SI5319 Datasheet HTML 6Page - Silicon Laboratories SI5319 Datasheet HTML 7Page - Silicon Laboratories SI5319 Datasheet HTML 8Page - Silicon Laboratories SI5319 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Si5319
Preliminary Rev. 0.3
5
Figure 2. Si5319 Typical Application Circuit (I2C Control Mode)
Figure 3. Si5319 Typical Application Circuit (SPI Control Mode)
Si5319
INT_CB
LOL
RST
CKOUT+
CKOUT–
Ferrite
Bead
System
Power
Supply
C1
C2
C3
Serial Data
Serial Clock
Reset
Interrupt/CKIN Invalid Indicator
PLL Loss of Lock Indicator
SDA
SCL
I2C Interface
Serial Port Address
A[2:0]
CMODE
Control Mode (L)
Assumes differential LVPECL termination (3.3 V) on clock inputs.
*Note:
XA
XB
Crystal
Option 1:
100
Ω
0.1 µF
0.1 µF
+
C4
0.1 µF
0.1 µF
0.1 µF
1 µF
130
Ω
130
Ω
82
Ω
82
Ω
VDD = 3.3 V
CKIN+
CKIN–
Crystal/RefClk Rate
RATE[1:0]
Xtal/Clock Select
CS
XA
XB
Refclk+
Option 2:
0.1 µF
Refclk–
0.1 µF
Si5319
RST
CKOUT+
CKOUT–
Ferrite
Bead
System
Power
Supply
C1
C2
C3
Reset
CMODE
Control Mode (H)
Assumes differential LVPECL termination (3.3 V) on clock inputs.
*Note:
XA
XB
Option 1:
100
Ω
0.1 µF
0.1 µF
+
C4
0.1 µF
0.1 µF
0.1 µF
1 µF
130
Ω
130
Ω
82
Ω
82
Ω
VDD = 3.3 V
CKIN+
CKIN–
Crystal/RefClk Rate
RATE[1:0]
INT_CB
SPI Interface
LOL
Interrupt/CLKIN Invalid Indicator
PLL Loss of Lock Indicator
Serial Data Out
Serial Data In
SDO
SDI
Serial Clock
SCLK
Slave Select
SS
Xtal/Clock Select
CS
XA
XB
Option 2:
0.1 µF
0.1 µF
Crystal
Refclk+
Refclk–


Podobny numer części - SI5319

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si5319 SILABS-Si5319 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5319A-C-GM SKYWORKS-SI5319A-C-GM Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5319B-C-GM SKYWORKS-SI5319B-C-GM Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Podobny opis - SI5319

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5326 SILABS-SI5326 Datasheet
619Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com