Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CBTLV3125DRG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74CBTLV3125DRG4
Szczegółowy opis  LOW - voltage quadruple fet bus switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV3125DRG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74CBTLV3125DRG4 Datasheet HTML 1Page - Texas Instruments SN74CBTLV3125DRG4 Datasheet HTML 2Page - Texas Instruments SN74CBTLV3125DRG4 Datasheet HTML 3Page - Texas Instruments SN74CBTLV3125DRG4 Datasheet HTML 4Page - Texas Instruments SN74CBTLV3125DRG4 Datasheet HTML 5Page - Texas Instruments SN74CBTLV3125DRG4 Datasheet HTML 6Page - Texas Instruments SN74CBTLV3125DRG4 Datasheet HTML 7Page - Texas Instruments SN74CBTLV3125DRG4 Datasheet HTML 8Page - Texas Instruments SN74CBTLV3125DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN74CBTLV3125
LOW VOLTAGE QUADRUPLE FET BUS SWITCH
SCDS037J − DECEMBER 1997 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Standard ’125-Type Pinout
D 5-Ω Switch Connection Between Two Ports
D Rail-to-Rail Switching on Data I/O Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D, DGV, NS, OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
DBQ PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
1OE
1A
1B
2OE
2A
2B
GND
VCC
4OE
4A
4B
3OE
3A
3B
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1B
2OE
2A
2B
GND
VCC
4OE
4A
4B
3OE
3A
3B
RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
4OE
4A
4B
3OE
3A
1A
1B
2OE
2A
2B
description/ordering information
The SN74CBTLV3125 quadruple FET bus switch features independent line switches. Each switch is disabled
when the associated output-enable (OE) input is high.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74CBTLV3125RGYR
CL125
SOIC − D
Tube
SN74CBTLV3125D
CBTLV3125
SOIC − D
Tape and reel
SN74CBTLV3125DR
CBTLV3125
−40
°C to 85°C
SOP − NS
Tape and reel
SN74CBTLV3125NSR
CBTLV3125
−40 C to 85 C
SSOP (QSOP) − DBQ
Tape and reel
SN74CBTLV3125DBQR
CL125
TSSOP − PW
Tape and reel
SN74CBTLV3125PWR
CL125
TVSOP − DGV
Tape and reel
SN74CBTLV3125DGVR
CL125
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Podobny numer części - SN74CBTLV3125DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV3125DRG4 TI-SN74CBTLV3125DRG4 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125DRG4 TI-SN74CBTLV3125DRG4 Datasheet
788Kb / 20P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE GET BUS SWITCH
More results

Podobny opis - SN74CBTLV3125DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125 Datasheet
289Kb / 12P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126 Datasheet
211Kb / 7P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125 TI-SN74CBTLV3125_07 Datasheet
824Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_10 Datasheet
685Kb / 18P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3126 UTC-U74CBTLV3126_15 Datasheet
219Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125_09 Datasheet
834Kb / 19P
[Old version datasheet]   Low-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125_15 Datasheet
217Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com