Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF120C Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części LF120C
Szczegółowy opis  Very low drop voltage regulators with inhibit
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF120C Arkusz danych(HTML) 1 Page - STMicroelectronics

  LF120C Datasheet HTML 1Page - STMicroelectronics LF120C Datasheet HTML 2Page - STMicroelectronics LF120C Datasheet HTML 3Page - STMicroelectronics LF120C Datasheet HTML 4Page - STMicroelectronics LF120C Datasheet HTML 5Page - STMicroelectronics LF120C Datasheet HTML 6Page - STMicroelectronics LF120C Datasheet HTML 7Page - STMicroelectronics LF120C Datasheet HTML 8Page - STMicroelectronics LF120C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
February 2008
Rev 21
1/49
49
LFxxAB
LFxxC
Very low drop voltage regulators with inhibit
Features
Very low dropout voltage (0.45V)
Very low quiescent current (typ. 50 µA in OFF
mode, 500 µA in ON mode)
Output current up to 500 mA
Logic-controlled electronic shutdown
Output voltages of 1.5; 1.8; 2.5; 3.3; 4.7; 5; 6;
8; 8.5; 9; 12V
Automotive Grade product: 1.8V, 2.5V, 3.3V,
5.0V, 8.0V, 8.5V VOUT in DPAK and PPAK
packages
Internal current and thermal limit
Only 2.2 µF for stability
Available in ± 1% (AB) or ± 2% (C) selection at
25°C
Supply voltage rejection: 80db (typ.)
Temperature range: -40 to 125 °C
Description
The LFxxAB/LFxxC are very Low Drop regulators
available in PENTAWATT, TO-220, TO-220FP,
DPAK and PPAK package and in a wide range of
output voltages.
The very low drop voltage (0.45 V) and the very
low quiescent current make them particularly
suitable for low noise, low power applications and
specially in battery powered systems. In the 5
pins configuration (PENTAWATT and PPAK) a
Shutdown Logic Control function is available (pin
2, TTL compatible). This means that when the
device is used as a local regulator, it is possible to
put a part of the board in standby, decreasing the
total power consumption. In the three terminal
configuration the device has the same electrical
performance, but is fixed in the ON state. It
requires only a 2.2 µF capacitor for stability
allowing space and cost saving. The LFxx is
available as Automotive Grade in DPAK and
PPAK packages, for the options of output voltages
whose commercial Part Numbers are shown in
the Table 32 (order codes). These devices are
qualified according to the specification AEC-Q100
of the Automotive market, in the temperature
range -40 °C to 125 °C, and the statistical tests
PAT, SYL, SBL are performed.
TO-220FP
PENTAWATT
TO-220
DPAK
PPAK
Table 1.
Device summary
Part numbers
LF15C
LF18AB
LF33C
LF50C
LF60AB
LF85C
LF90AB
LF15AB
LF25C
LF33AB
LF50AB
LF80C
LF85AB
LF120C
LF18C
LF25AB
LF47C
LF60C
LF80AB
LF90C
LF120AB
www.st.com


Podobny numer części - LF120C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LF120C STMICROELECTRONICS-LF120C Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF120C STMICROELECTRONICS-LF120C Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF120CDT STMICROELECTRONICS-LF120CDT Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF120CDT STMICROELECTRONICS-LF120CDT Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF120CDT STMICROELECTRONICS-LF120CDT Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
More results

Podobny opis - LF120C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com