Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT245 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części 74AHCT245
Szczegółowy opis  Octal bus transceiver 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT245 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  74AHCT245 Datasheet HTML 1Page - NXP Semiconductors 74AHCT245 Datasheet HTML 2Page - NXP Semiconductors 74AHCT245 Datasheet HTML 3Page - NXP Semiconductors 74AHCT245 Datasheet HTML 4Page - NXP Semiconductors 74AHCT245 Datasheet HTML 5Page - NXP Semiconductors 74AHCT245 Datasheet HTML 6Page - NXP Semiconductors 74AHCT245 Datasheet HTML 7Page - NXP Semiconductors 74AHCT245 Datasheet HTML 8Page - NXP Semiconductors 74AHCT245 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AHC/AHCT245 is a high-speed Si-gate CMOS device.
The 74AHC/AHCT245 is an octal transceiver featuring non-inverting 3-state bus
compatible outputs in both send and receive directions.
The 74AHC245/74AHCT245 features an Output Enable (OE) input for easy cascading
and a send/receive (DIR) input for direction control.
OE controls the outputs so that the buses are effectively isolated.
2.
Features
s Balanced propagation delays
s All inputs have a Schmitt-trigger action
s Inputs accepts voltages higher than VCC
s For 74AHC245 only: operates with CMOS input levels
s For 74AHCT245 only: operates with TTL input levels
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101C exceeds 1000 V
s Multiple package options
s Specified from
−40 °C to +85 °C and from −40 °C to +125 °C
3.
Ordering information
74AHC245; 74AHCT245
Octal bus transceiver; 3-state
Rev. 03 — 25 September 2007
Product data sheet
Table 1:
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC245D
−40 °C to +125 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74AHCT245D
74AHC245PW
−40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74AHCT245PW
74AHC245BQ
−40 °C to +125 °C
DHVQFN20
plastic dual-in-line compatible thermal enhanced
very thin quad flat package no leads; 20 terminals;
body 2.5
× 4.5 × 0.85 mm
SOT764-1
74AHCT245BQ


Podobny numer części - 74AHCT245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCT245 PHILIPS-74AHCT245 Datasheet
88Kb / 20P
   Octal bus transceiver; 3-state
1999 Sep 28
logo
Nexperia B.V. All right...
74AHCT245 NEXPERIA-74AHCT245 Datasheet
265Kb / 16P
   Octal bus transceiver; 3-state
Rev. 6 - 3 July 2020
74AHCT245-Q100 NEXPERIA-74AHCT245-Q100 Datasheet
719Kb / 17P
   Octal bus transceiver; 3-state
74AHCT245A NEXPERIA-74AHCT245A Datasheet
734Kb / 13P
   Octal bus transceiver 3-state
74AHCT245APW NEXPERIA-74AHCT245APW Datasheet
734Kb / 13P
   Octal bus transceiver 3-state
More results

Podobny opis - 74AHCT245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com