Zakładka z wyszukiwarką danych komponentów |
|
ST7FLITEU09U6TR Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
ST7FLITEU09U6TR Arkusz danych(HTML) 4 Page - STMicroelectronics |
4 / 115 page ST7LITEU05 ST7LITEU09 4/115 1 INTRODUCTION The ST7ULTRALITE is a member of the ST7 mi- crocontroller family. All ST7 devices are based on a common industry-standard 8-bit core, featuring an enhanced instruction set. The ST7ULTRALITE features FLASH memory with byte-by-byte In-Circuit Programming (ICP) and In-Application Programming (IAP) capability. Under software control, the ST7ULTRALITE de- vice can be placed in WAIT, SLOW, or HALT mode, reducing power consumption when the ap- plication is in idle or standby state. The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to software developers, enabling the design of highly efficient and compact application code. In addition to standard 8-bit data management, all ST7 micro- controllers feature true bit manipulation, 8x8 un- signed multiplication and indirect addressing modes. For easy reference, all parametric data are located in section 13 on page 74. The devices feature an on-chip Debug Module (DM) to support in-circuit debugging (ICD). For a description of the DM registers, refer to the ST7 ICC Protocol Reference Manual. Figure 1. General Block Diagram 8-BIT CORE ALU PA3 / RESET PORT A 10-BIT ADC with WATCHDOG Internal Clock CONTROL RAM (128 Bytes) PA5:0 (6 bits) VSS VDD POWER SUPPLY 8-MHz RC OSC LITE TIMER MEMORY 12-BIT AUTO- RELOAD TIMER FLASH 2K Byte LVD AWU RC OSC External Clock DATA EEPROM (128 Bytes) 1 |
Podobny numer części - ST7FLITEU09U6TR |
|
Podobny opis - ST7FLITEU09U6TR |