Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS4855 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części TS4855
Szczegółowy opis  LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4855 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button TS4855_04 Datasheet HTML 7Page - STMicroelectronics TS4855_04 Datasheet HTML 8Page - STMicroelectronics TS4855_04 Datasheet HTML 9Page - STMicroelectronics TS4855_04 Datasheet HTML 10Page - STMicroelectronics TS4855_04 Datasheet HTML 11Page - STMicroelectronics TS4855_04 Datasheet HTML 12Page - STMicroelectronics TS4855_04 Datasheet HTML 13Page - STMicroelectronics TS4855_04 Datasheet HTML 14Page - STMicroelectronics TS4855_04 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Electrical Characteristics
TS4855
11/27
Figure 7: HDout THD+N vs. output power
(Output modes 2, 3 G=+3dB)
Figure 8: HDout THD+N vs. output power
(Output modes 4, 5 G=+12dB)
Figure 9: HDout THD+N vs. output power
(Output modes 4, 5 G=+6dB)
Figure 10: HDout THD+N vs. output power
(Output modes 4, 5 G=+12dB)
Figure 11: HDout THD+N vs. output power
(Output modes 4, 5 G=+6dB)
Figure 12: HDout THD+N vs. frequency
(Output modes 1, 3, 5, 7)
1E-3
0.01
0.1
0.01
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 32
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
0.01
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 16
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
0.01
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 16
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
0.01
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 32
BW < 125kHz
Tamb = 25
°C
Output Power (W)
1E-3
0.01
0.1
0.01
0.1
1
10
Vcc=3V
F=20kHz
Vcc=5V
F=20kHz
Vcc=3V
F=1kHz
Vcc=5V
F=1kHz
RL = 32
BW < 125kHz
Tamb = 25
°C
Output Power (W)
100
1000
10000
0.1
1
10
Vcc=3V
P=450mW
Vcc=5V
P=1W
RL = 4
BW < 125kHz
Tamb = 25
°C
Frequency (Hz)


Podobny numer części - TS4855_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS4855IJT STMICROELECTRONICS-TS4855IJT Datasheet
1Mb / 27P
   LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
More results

Podobny opis - TS4855_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
   LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
TS4851 STMICROELECTRONICS-TS4851 Datasheet
1Mb / 28P
   MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
   16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M61500FP MITSUBISHI-M61500FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61515FP MITSUBISHI-M61515FP Datasheet
248Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M61515FP RENESAS-M61515FP Datasheet
4Mb / 12P
   TONE CONTROL/VOLUME CONTROL
logo
Mitsubishi Electric Sem...
M62495AFP MITSUBISHI-M62495AFP Datasheet
110Kb / 11P
   TONE CONTROL/VOLUME CONTROL
M61509FP MITSUBISHI-M61509FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com