Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC503UHR1-30P-A-0A12A Arkusz danych(PDF) 3 Page - Cree, Inc

Numer części LC503UHR1-30P-A-0A12A
Szczegółowy opis  5-mm Round LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

LC503UHR1-30P-A-0A12A Arkusz danych(HTML) 3 Page - Cree, Inc

  LC503UHR1-30P-A-0A12A Datasheet HTML 1Page - Cree, Inc LC503UHR1-30P-A-0A12A Datasheet HTML 2Page - Cree, Inc LC503UHR1-30P-A-0A12A Datasheet HTML 3Page - Cree, Inc LC503UHR1-30P-A-0A12A Datasheet HTML 4Page - Cree, Inc LC503UHR1-30P-A-0A12A Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
3
CLD-CT038.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/ledlamps
Graphs
4/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LC503UHR1-30Q-A
Rev. No.
03
G
Grraapphhss
FIG.5 MAXIMUM FORWARD DC CURRENT VS
AMBIENT TEMPERATURE (Tjmax=105 C)
60.0
0
20.0
0.0
40.0
20
40
60
Ta( C)
100.0
80.0
IF(mA)
100
80
FORWARD CURRENT.
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
60.0
20.0
0.0
0.0
1.0
40.0
100.0
80.0
If(mA)
100.0
FORWARD VOLTAGE.
3.0
2.0
4.0
5.0
FIG.1 FORWARD CURRENT VS.
2.4
2.0
1.8
0.0
20.0
2.2
60.0
40.0
80.0
2.8
2.6
Vf(V)
If (mA)
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
FIG.6 FAR FIELD PATTERN
-90
0
WAVELENGTH.
50% Power Angle : 30
0%
400
25%
500 600 700
800
Ie(%)
100%
100%
900
WL(nm)
75%
50%
100%
Half Power
WL=23nm
Domi WL= 624nm
-10.0
Ir(uA)
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
-50.0
-30.0
-40.0
-20.0
-10
Vr(V)
-60
-50
-40
-20
-30
0.0
-60
-30
30
0
60
0%
90
20%
20%
40%
40%
60%
60%
80%
80%
Items
Signatures
Date
Revision History
Prepared by
WangFJ
2007-09-21
Rev. No
Date
Change Description
Checked by
WangDW
2007-09-21
02
2007-07-06 Release. IV from V,W,X,Y(typ)4200 to W,X,Y(typ)5100mcd.
Approved by
Add ESD rank
David
2007-09-21
03
2007-09-21
FCN#
FCN20070234
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


Podobny numer części - LC503UHR1-30P-A-0A12A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
LC503AHR1-15P-A MARKTECH-LC503AHR1-15P-A Datasheet
208Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR1-15Q-A MARKTECH-LC503AHR1-15Q-A Datasheet
208Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR2-30P-A MARKTECH-LC503AHR2-30P-A Datasheet
340Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR2-30Q-A MARKTECH-LC503AHR2-30Q-A Datasheet
341Kb / 2P
   Ultra Bright Red 5mm LED
LC503AHR2-30Q-A-MT MARKTECH-LC503AHR2-30Q-A-MT Datasheet
225Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results

Podobny opis - LC503UHR1-30P-A-0A12A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
LC503TBL1-50P-A CREE-LC503TBL1-50P-A Datasheet
327Kb / 5P
   5-mm Round LED
LC512TWN1-25Q-A1 CREE-LC512TWN1-25Q-A1 Datasheet
358Kb / 6P
   5-mm Round LED
LC534TBL1-60Q-A CREE-LC534TBL1-60Q-A Datasheet
328Kb / 5P
   5-mm Round LED
LC503TBG1-30P-A CREE-LC503TBG1-30P-A Datasheet
338Kb / 5P
   5-mm Round LED
LC503TBG1-30Q-A CREE-LC503TBG1-30Q-A Datasheet
346Kb / 5P
   5-mm Round LED
logo
Marktech Corporate
C513A MARKTECH-C513A_15 Datasheet
598Kb / 10P
   5-mm Round LED
logo
Cree, Inc
LC503TPG1-30P-A1 CREE-LC503TPG1-30P-A1 Datasheet
333Kb / 5P
   5-mm Round LED
LC503TWN1-50Q-A1 CREE-LC503TWN1-50Q-A1 Datasheet
365Kb / 6P
   5-mm Round LED
LC512TWR1-25P-A1 CREE-LC512TWR1-25P-A1 Datasheet
352Kb / 6P
   5-mm Round LED
LC503TPG1-50P-A CREE-LC503TPG1-50P-A Datasheet
359Kb / 5P
   5-mm Round LED
LC503TWR1-15P-A1 CREE-LC503TWR1-15P-A1 Datasheet
350Kb / 6P
   5-mm Round LED
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com