Zakładka z wyszukiwarką danych komponentów |
|
LC503UHR1-30P-A-C01GA Arkusz danych(PDF) 2 Page - Cree, Inc |
|
LC503UHR1-30P-A-C01GA Arkusz danych(HTML) 2 Page - Cree, Inc |
2 / 5 page Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 2 CLD-CT038.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 www.cree.com/ledlamps Standard Bins for LC503UHR-30P-A (I F = 20 mA) Lamps are sorted to luminous intensity (I V) and dominant wavelength ( D) bins shown. Orders for LC503UHR1-30P-A may be filled with any or all bins contained as below. All luminous intensity (I V) and dominant wavelength ( D) values shown and specified are at IF = 20 mA. Z or above Y X W Important Notes: All ranks will be included per delivery; rank ratio will be based on the dice distribution. Pb content <1000 ppm. Tolerance of measurement of luminous intensity is ±15%. Tolerance of measurement of dominant wavelength is ±1 nm. Tolerance of measurement of V F is ±0.05 V. Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” docu- ment. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED product safely. 1. 2. 3. 4. 5. 6. 7. 8. 618 nm Dominant Wavelength ( D) 630 nm 8200 mcd 5860 mcd 4180 mcd 3000 mcd |
Podobny numer części - LC503UHR1-30P-A-C01GA |
|
Podobny opis - LC503UHR1-30P-A-C01GA |