Zakładka z wyszukiwarką danych komponentów |
|
74HC02DR2G Arkusz danych(PDF) 4 Page - ON Semiconductor |
|
74HC02DR2G Arkusz danych(HTML) 4 Page - ON Semiconductor |
4 / 7 page 74HC02 http://onsemi.com 4 ORDERING INFORMATION Device Package Shipping† 74HC02DR2G SOIC−14 (Pb−Free) 2500/Tape & Reel 74HC02DTR2G TSSOP−14* †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. Figure 1. Switching Waveforms tf tr VCC GND 90% 50% 10% 90% 50% 10% INPUT A OR B OUTPUT Y tPHL tPLH tTLH tTHL *Includes all probe and jig capacitance Figure 2. Test Circuit CL* TEST POINT DEVICE UNDER TEST OUTPUT Y A B Figure 3. Expanded Logic Diagram (1/4 of the Device) |
Podobny numer części - 74HC02DR2G |
|
Podobny opis - 74HC02DR2G |