Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2854DW Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części UC2854DW
Szczegółowy opis  High Power Factor Preregulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC2854DW Arkusz danych(HTML) 1 Page - Texas Instruments

  UC2854DW Datasheet HTML 1Page - Texas Instruments UC2854DW Datasheet HTML 2Page - Texas Instruments UC2854DW Datasheet HTML 3Page - Texas Instruments UC2854DW Datasheet HTML 4Page - Texas Instruments UC2854DW Datasheet HTML 5Page - Texas Instruments UC2854DW Datasheet HTML 6Page - Texas Instruments UC2854DW Datasheet HTML 7Page - Texas Instruments UC2854DW Datasheet HTML 8Page - Texas Instruments UC2854DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6/98
BLOCK DIAGRAM
Control Boost PWM to 0.99 Power Factor
Limit Line Current Distortion To <5%
World-Wide Operation Without Switches
Feed-Forward Line Regulation
Average Current-Mode Control
Low Noise Sensitivity
Low Start-Up Supply Current
Fixed-Frequency PWM Drive
Low-Offset Analog Multiplier/Divider
1A Totem-Pole Gate Driver
Precision Voltage Reference
The UC1854 provides active power factor correction for power sys-
tems that otherwise would draw non-sinusoidal current from sinusoi-
dal power lines. This device implements all the control functions
necessary to build a power supply capable of optimally using available
power-line current while minimizing line-current distortion. To do this,
the UC1854 contains a voltage amplifier, an analog multiplier/divider,
a current amplifier, and a fixed-frequency PWM. In addition, the
UC1854 contains a power MOSFET compatible gate driver, 7.5V ref-
erence, line anticipator, load-enable comparator, low-supply detector,
and over-current comparator.
The UC1854 uses average current-mode control to accomplish fixed-
frequency current control with stability and low distortion. Unlike peak
current-mode, average current control accurately maintains sinusoidal
line current without slope compensation and with minimal response to
noise transients.
The UC1854’s high reference voltage and high oscillator amplitude
minimize noise sensitivity while fast PWM elements permit chopping
frequencies above 200kHz. The UC1854 can be used in single and
three phase systems with line voltages that vary from 75 to 275 volts
and line frequencies across the 50Hz to 400Hz range. To reduce the
burden on the circuitry that supplies power to this device, the UC1854
features low starting supply current.
These devices are available packaged in 16-pin plastic and ceramic
dual in-line packages, and a variety of surface-mount packages.
UC1854
UC2854
UC3854
High Power Factor Preregulator
FEATURES
DESCRIPTION
UDG-92055


Podobny numer części - UC2854DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2854DW TI-UC2854DW Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2854DW TI1-UC2854DW Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC2854DW TI1-UC2854DW Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC2854DWG4 TI1-UC2854DWG4 Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC2854DWG4 TI1-UC2854DWG4 Datasheet
313Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results

Podobny opis - UC2854DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC1853 TI-UC1853 Datasheet
204Kb / 6P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com