Zakładka z wyszukiwarką danych komponentów |
|
MAX232EEPE Arkusz danych(PDF) 7 Page - Maxim Integrated Products |
|
MAX232EEPE Arkusz danych(HTML) 7 Page - Maxim Integrated Products |
7 / 25 page _______________________________________________________________________________________ 7 ±15kV ESD-Protected, +5V RS-232 Transceivers MAX208E ________________________________________________Pin Descriptions (continued) MAX206E MAX207E V+ NAME FUNCTION +2VCC Generated by the Charge Pump T_OUT RS-232 Driver Outputs 11 R_IN RS-232 Receiver Inputs R_OUT TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown. PIN 1, 2, 3, 24 4, 16, 23 T_IN TTL/CMOS Driver Inputs. Internal pullups to VCC. GND Ground VCC +4.5V to +5.5V Supply Voltage C1+, C1- Terminals for Positive Charge-Pump Capacitor 5, 17, 22 6, 7, 18, 19 8 9 10, 12 EN Receiver Enable—Active Low 20 C2+, C2- Terminals for Negative Charge-Pump Capacitor V- -2VCC Generated by the Charge Pump 13, 14 15 SHDN Shutdown Control—Active High 21 V+ NAME FUNCTION +2VCC Generated by the Charge Pump T_OUT RS-232 Driver Outputs 11 R_IN RS-232 Receiver Inputs R_OUT TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown. PIN 1, 2, 3, 20, 24 4, 16, 23 T_IN TTL/CMOS Driver Inputs. Internal pullups to VCC. GND Ground C2+, C2- VCC +4.75V to +5.25V Supply Voltage Terminals for Negative Charge-Pump Capacitor C1+, C1- Terminals for Positive Charge-Pump Capacitor 5, 17, 22 6, 7, 18, 19, 21 8 V- -2VCC Generated by the Charge Pump 13, 14 15 9 10, 12 V+ NAME FUNCTION +2VCC Generated by the Charge Pump T_OUT RS-232 Driver Outputs 11 R_IN RS-232 Receiver Inputs R_OUT TTL/CMOS Receiver Outputs. All receivers are inactive in shutdown. PIN 1, 2, 20, 24 3, 7, 16, 23 T_IN TTL/CMOS Driver Inputs. Internal pullups to VCC. GND Ground C2+, C2- VCC +4.5V to +5.5V Supply Voltage Terminals for Negative Charge-Pump Capacitor C1+, C1- Terminals for Positive Charge-Pump Capacitor 4, 6, 17, 22 5, 18, 19, 21 8 V- -2VCC Generated by the Charge Pump 13, 14 15 9 10, 12 |
Podobny numer części - MAX232EEPE |
|
Podobny opis - MAX232EEPE |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |