Zakładka z wyszukiwarką danych komponentów |
|
CD74HCT237 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
CD74HCT237 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 20 page 1 Data sheet acquired from Harris Semiconductor SCHS146F Features • Select One of Eight Data Outputs - Active Low for CD74HC137 and CD74HCT137 - Active High for ’HC237 and CD74HCT237 • l/O Port or Memory Selector • Two Enable Inputs to Simplify Cascading • Typical Propagation Delay of 13ns at VCC = 5V, 15pF, TA = 25 oC (CD74HC237) • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30%, of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The CD74HC137, CD74HCT137, ’HC237, and CD74HCT237 are high speed silicon gate CMOS decoders well suited to memory address decoding or data routing applications. Both circuits feature low power consumption usually associated with CMOS circuitry, yet have speeds comparable to low power Schottky TTL logic. Both circuits have three binary select inputs (A0, A1 and A2) that can be latched by an active High Latch Enable (LE) signal to isolate the outputs from select-input changes. A “Low” LE makes the output transparent to the input and the circuit functions as a one-of-eight decoder. Two Output Enable inputs (OE1 and OE0) are provided to simplify cascading and to facilitate demultiplexing. The demultiplexing function is accomplished by using the A0,A1, A2 inputs to select the desired output and using one of the other Output Enable inputs as the data input while holding the other Output Enable input in its active state. In the CD74HC137 and CD74HCT137 the selected output is a “Low”; in the ’HC237 and CD74HCT237 the selected output is a “High”. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC237F3A -55 to 125 16 Ld CERDIP CD74HC137E -55 to 125 16 Ld PDIP CD74HC137PW -55 to 125 16 Ld TSSOP CD74HC137PWR -55 to 125 16 Ld TSSOP CD74HC137PWT -55 to 125 16 Ld TSSOP CD74HC237E -55 to 125 16 Ld PDIP CD74HC237M -55 to 125 16 Ld SOIC CD74HC237MT -55 to 125 16 Ld SOIC CD74HC237M96 -55 to 125 16 Ld SOIC CD74HC237NSR -55 to 125 16 Ld SOP CD74HC237PW -55 to 125 16 Ld TSSOP CD74HC237PWR -55 to 125 16 Ld TSSOP CD74HC237PWT -55 to 125 16 Ld TSSOP CD74HCT137E -55 to 125 16 Ld PDIP CD74HCT137MT -55 to 125 16 Ld SOIC CD74HCT137M96 -55 to 125 16 Ld SOIC CD74HCT237E -55 to 125 16 Ld PDIP NOTE: When ordering, use the entire part number. The suffixes 96 and R denote tape and reel. The suffix T denotes a small-quantity reel of 250. March 1998 - Revised October 2003 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD74HC137, CD74HCT137, CD54HC237, CD74HC237, CD74HCT237 High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches [ /Title (CD74 HC137 , CD74 HCT13 7, CD74 HC237 , CD74 HCT23 7) /Sub- ject (High Speed |
Podobny numer części - CD74HCT237 |
|
Podobny opis - CD74HCT237 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |